Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLFP-0125-0501 Datasheet(PDF) 3 Page - Schurter Inc.

Part # DLFP-0125-0501
Description  Linear/Saturating Choke
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFP-0125-0501 Datasheet(HTML) 3 Page - Schurter Inc.

  DLFP-0125-0501 Datasheet HTML 1Page - Schurter Inc. DLFP-0125-0501 Datasheet HTML 2Page - Schurter Inc. DLFP-0125-0501 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Suppression Chokes
DLFP
www.schurter.com/pg8_82
EMC Products
Variants
In [A]
Ln [mH]
Inductance
drop max [%]
Rcu
[m
Ω]
Tripped Power
Dissipation
fRES
[MHz]
Cx [µF]
Copper ø
[mm]
Weight [g]
Housing
Packing unit [pcs.]
Order Number
5
1
60
120
3
0.8
0.047
1
149
25W
10
DLFP-0125-0501
8
0.5
60
54
3.5
1.32
0.1
1.25
150
25W
10
DLFP-0125-08D5
45
0.2
70
6
12
1.1
1
5
1423
32W
2
DLFP-0132-45D2
12
0.5
60
38
5.5
1.16
0.1
1.7
350
47W
2
DLFP-0147-12D5
16
0.3
60
25
6.4
1.69
0.22
1.8
320
47W
2
DLFP-0147-16D3
25
0.15
60
10
6.3
2.5
0.47
2.36
350
47W
2
DLFP-0147-25D2
35
0.05
60
5.3
6.5
3.5
1.5
1.5 x 4.5
338
47W
2
DLFP-0147-35C5
InductancedropatIn
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - DLFP-0125-0501

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFP-0125-0501 SCHURTER-DLFP-0125-0501 Datasheet
313Kb / 4P
   Linear/Saturating Choke
More results

Similar Description - DLFP-0125-0501

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP SCHURTER-DLFP_17 Datasheet
313Kb / 4P
   Linear/Saturating Choke
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
   Saturating Choke
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
   Saturating Choke
04.01.2022
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
   Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
   Saturating Choke
logo
Schaffner International...
RI-111-PC SCHAFFNER-RI-111-PC Datasheet
903Kb / 4P
   Saturating Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com