Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I2305NZF-08-ST Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCS2I2305NZF-08-ST
Description  3.3V 1:5 Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS2I2305NZF-08-ST Datasheet(HTML) 1 Page - ON Semiconductor

  PCS2I2305NZF-08-ST Datasheet HTML 1Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 2Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 3Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 4Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 5Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 6Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 7Page - ON Semiconductor PCS2I2305NZF-08-ST Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PCS2P2305NZ
3.3V 1:5 Clock Buffer
©2010 SCILLC. All rights reserved.
Publication Order Number:
JANUARY 2010 – Rev. 1
PCS2P2305/D
Features
One-Input to Five-Output Buffer/Driver
Buffers all frequencies from DC to 133.33MHz
Low power consumption for mobile applications
Less than 32mA at 66.6MHz with unloaded outputs
Input-Output delay: 6nS(max)
Output-output skew less than 250pS
8-pin SOIC Package
Supply Voltage: 3.3V ± 0.3V
Commercial and Industrial temperature range
Functional Description
PCS2P2305NZ is a low-cost high-speed buffer designed to
accept one clock input and distribute up to five clocks in
mobile PC systems and desktop PC systems. The device
operates at 3.3V and outputs can run up to 133.33MHz.
PCS2P2305NZ is designed for low EMI and power
optimization and consumes less than 32mA at 66.6MHz,
making it ideal for the low-power requirements of mobile
systems. It is available in an 8-pin SOIC Package over
Commercial and Industrial temperature range.
Block Diagram
BUF_IN
OUTPUT1
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT5


Similar Part No. - PCS2I2305NZF-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I2305NZF-08-ST PULSECORE-PCS2I2305NZF-08-ST Datasheet
304Kb / 8P
   3.3V 1:5 Clock Buffer
More results

Similar Description - PCS2I2305NZF-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2305NZ PULSECORE-PCS2P2305NZ Datasheet
304Kb / 8P
   3.3V 1:5 Clock Buffer
logo
ON Semiconductor
P2I2305NZ ONSEMI-P2I2305NZ Datasheet
132Kb / 6P
   3.3V 1 5 Clock Buffer
January, 2012 ??Rev. 0
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ_1 Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com