Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3I7100AG-06JR Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCS3I7100AG-06JR
Description  Custom Clock Generator for Display Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3I7100AG-06JR Datasheet(HTML) 1 Page - ON Semiconductor

  PCS3I7100AG-06JR Datasheet HTML 1Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 2Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 3Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 4Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 5Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 6Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 7Page - ON Semiconductor PCS3I7100AG-06JR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PCS3P7100A
Custom Clock Generator for
Display Systems
©2010 SCILLC.
All rights reserved.
Publication Order Number:
JANUARY 2010 – Rev. 1
PCS3P7100/D
Features
• Custom Clock Generator for Display Systems
• Wide Operating Frequency Range covering most of
the pixel frequencies
• Generates a low EMI 1x Output
• 4 Spread Deviation selection options
• Supply voltage : 3.3V ± 0.3V
2.5V ± 0.125V
• Frequency range:
3.3V: 20 MHz-130 MHz
2.5V: 30 MHz-130 MHz
• 6L-TSOT23 (6L- SOT26) package
Product Description
PCS3P7100A is a versatile spread spectrum modulator
designed
specifically
for
a
wide
range
of
clock
frequencies. The device addresses the need of a low EMI
clock generator for use in display systems covering wide
choice of pixel frequencies.
PCS3P7100A
reduces
electromagnetic
interference
(EMI) at the clock source, allowing system wide reduction
of EMI of all clock dependent signals. PCS3P7100A
allows significant system cost savings by reducing the
number of circuit board layers, ferrite beads, shielding
that are traditionally required to pass EMI regulations.
The Supply Voltage of the Device is 3.3V/2.5V. It has two
Spread Selection Pins, SS1% and SS2%. Refer to the
Spread Deviation Selection Table for details.The Device
is available in 6L-TSOT23 Package.
Application
PCS3P7100A is targeted for use in Display Systems.
Block Diagram
VSS
VDD
CLKIN
ModOUT
PLL
SS1%
SS2%


Similar Part No. - PCS3I7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I7100AG-06JR PULSECORE-PCS3I7100AG-06JR Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
PCS3I7100AG-06JR PULSECORE-PCS3I7100AG-06JR Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3I7100AG-06JR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com