Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA16AG Datasheet(PDF) 1 Page - ON Semiconductor

Part # SA16AG
Description  500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA16AG Datasheet(HTML) 1 Page - ON Semiconductor

  SA16AG Datasheet HTML 1Page - ON Semiconductor SA16AG Datasheet HTML 2Page - ON Semiconductor SA16AG Datasheet HTML 3Page - ON Semiconductor SA16AG Datasheet HTML 4Page - ON Semiconductor SA16AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 13
1
Publication Order Number:
SA5.0A/D
SA5.0A Series
500 Watt Peak Power
MiniMOSORBt Zener
Transient Voltage
Suppressors
Unidirectional
The SA5.0A series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SA5.0A series is supplied in
ON Semiconductor’s exclusive, cost-effective, highly reliable
Surmetic
t axial leaded package and is ideally-suited for use in
communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many
other industrial/consumer applications.
Features
Working Peak Reverse Voltage Range − 5.0 to 170 V
Peak Power − 500 Watts @ 1.0 ms
ESD Rating of Class 3 (>16 kV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 1 mA above 8.5 V
UL 497B for Isolated Loop Circuit Protection
Maximum Temperature Coefficient Specified
Response Time is typically < 1.0 ns
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, Transfer-molded, Thermosetting Plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING:
260
°C, 1/16 in. from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
http://onsemi.com
AXIAL LEAD
CASE 59AA
PLASTIC
Cathode
Anode
A
SAxxxA
YYWWG
G
Device
Package
Shipping
ORDERING INFORMATION
SAxxxAG
Axial Lead
(Pb−Free)
1000 Units / Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SAxxxARLG
Axial Lead
(Pb−Free)
5000 / Tape & Reel
SAxxxALFG**
Axial Lead
(Pb−Free)
2000 Units / Box
**Lead formed device.
A
= Assembly Location
SAxxxA
= Device Number
(Refer to Table on Page 3)
YY
= Year
WW
= Work Week
G
=Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - SA16AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA16AG ONSEMI-SA16AG Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA16AG ONSEMI-SA16AG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16AG ONSEMI-SA16AG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA16AG ONSEMI-SA16AG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORBZener
October, 2009 ??Rev. 13
More results

Similar Description - SA16AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com