Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168X-CB1DG020N Datasheet(PDF) 7 Page - Schurter Inc.

Part # AS168X-CB1DG020N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB1DG020N Datasheet(HTML) 7 Page - Schurter Inc.

  AS168X-CB1DG020N Datasheet HTML 1Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 2Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 3Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 4Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 5Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 6Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 7Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 8Page - Schurter Inc. AS168X-CB1DG020N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.schurter.com
129
Order code / Bestellcode
Basic type / Grundtyp
Thermal magnetic high performance circuit breaker
Thermisch-magnetischer Hochleistungs-Geräteschutzschalter
Number of poles / Polzahl
1
2
3
4
Tripping characteristics / Auslösekennlinien
Thermal
Magnetic
Deliverable currents
Thermisch
Magnetisch
Lieferbare Nennströme
F
1.0 –1.25 xIn
3 – 5 xIn
0,5 – 52 A
G
1.0 –1.25 xIn
6 – 10 xIn
0,5 – 52 A
H
1.0 –1.25 xIn
12 – 20 xIn
0,5 – 52 A
DF
1.05 –1.35 xIn
4,5 – 8 xIn
0,5 – 50 A
DG
1.05 –1.35 xIn
9 – 16 xIn
0,5 – 50 A
DH
1.05 –1.35 xIn
18 – 32 xIn
6,0 – 50 A
Rated current / Nennstrom
Switched neutral pole / Schaltbarer neutraler Pol
N
Auxiliary contact / Hilfskontakt
H1
Assumes the same contact position as the protected poles
Gleiche Kontaktposition wie die geschützten Pole (gleichschaltend)
H2
Assumes the opposite contact position as the protected poles
Entgegengesetzte Kontaktposition wie die geschützten Pole (gegenschaltend)
Signal contact / Signalkontakt
S1
Assumes the same contact position as the protected poles
Gleiche Kontaktposition wie die geschützten Pole (gleichschaltend)
S2
Assumes the opposite contact position as the protected poles
Entgegengesetzte Kontaktposition wie die geschützten Pole (gegenschaltend)
Relay trip module / Fremdauslösung
A1
AC/DC
5 – 12 V
A2
AC/DC 10 – 24 V
A3
AC/DC 20 – 48 V
A4
AC/DC 40 – 110 V
A5
AC/DC 90 – 240 V
Accessories / Zubehör
Must be ordered separately / muss separat bestellt werden
2 DG 200 N
AS168X – CB
S2
AS168X – ACB
Code
In (A)
060
6.0
070
7.0
080
8.0
090
9.0
100
10.0
120
12.0
150
15.0
Code
In (A)
005
0.5
010
1.0
015
1.5
020
2.0
030
3.0
040
4.0
050
5.0
Code
In (A)
160
16.0
180
18.0
200
20.0
230
23.0
250
25.0
270
27.0
300
30.0
Code
In (A)
320
32.0
350
35.0
400
40.0
450
45.0
500
50.0
520
52.0 *
Maximum
combination
Maximale
Kombinationen
1 Add-on module
+
1 Zusatzmodul
+
N
N
4 poles +
4 Pole
+
2 Add-on modules +
2 Zusatzmodule
+
N
N
3 poles +
3 Pole +
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X
* AC version only /
Nur AC-Version


Similar Part No. - AS168X-CB1DG020N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB1DG020N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com