Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4147 Datasheet(PDF) 8 Page - EPCOS

Part # B4147
Description  Short range devices
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4147 Datasheet(HTML) 8 Page - EPCOS

  B4147_1 Datasheet HTML 1Page - EPCOS B4147_1 Datasheet HTML 2Page - EPCOS B4147_1 Datasheet HTML 3Page - EPCOS B4147_1 Datasheet HTML 4Page - EPCOS B4147_1 Datasheet HTML 5Page - EPCOS B4147_1 Datasheet HTML 6Page - EPCOS B4147_1 Datasheet HTML 7Page - EPCOS B4147_1 Datasheet HTML 8Page - EPCOS B4147_1 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
April 29, 2008
B4147
836.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
References
Type
B4147
Ordering code
B39841B4147U410
Marking and package
C61157-A7-A67
Packaging
F61074-V8168-Z000
Date codes
L_1126
S-parameters
B4147_NB.s2p
B4147_WB.s2p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2008. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B4147_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4147 EPCOS-B4147 Datasheet
99Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
More results

Similar Description - B4147_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4154 EPCOS-B4154_1 Datasheet
58Kb / 6P
   Short range devices
B4143 EPCOS-B4143_1 Datasheet
99Kb / 10P
   Short range devices
B4146 EPCOS-B4146_1 Datasheet
93Kb / 9P
   Short range devices
B3792 EPCOS-B3792 Datasheet
75Kb / 9P
   SAW filter Short range devices
B3722 EPCOS-B3722 Datasheet
62Kb / 7P
   SAW filter Short range devices
B3738 EPCOS-B3738 Datasheet
89Kb / 10P
   SAW filter Short range devices
B3710 EPCOS-B3710_1 Datasheet
57Kb / 7P
   SAW filter Short range devices
B3744 EPCOS-B3744 Datasheet
89Kb / 10P
   SAW filter Short range devices
B3722 EPCOS-B3722_11 Datasheet
65Kb / 7P
   SAW filter Short range devices
B3743 EPCOS-B3743 Datasheet
88Kb / 10P
   SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com