Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5015 Datasheet(PDF) 2 Page - EPCOS

Part # B5015
Description  CDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5015 Datasheet(HTML) 2 Page - EPCOS

  B5015_1 Datasheet HTML 1Page - EPCOS B5015_1 Datasheet HTML 2Page - EPCOS B5015_1 Datasheet HTML 3Page - EPCOS B5015_1 Datasheet HTML 4Page - EPCOS B5015_1 Datasheet HTML 5Page - EPCOS B5015_1 Datasheet HTML 6Page - EPCOS B5015_1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
June 29, 2009
B5015
70.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
Low-loss IF filter for CDMA base station
s
Usable passband 10.0 MHz
s
Unbalanced or balanced operation
Features
s
Package size 13.3 x 6.5 x 1.6 mm3
s
Package code QCC12
s
RoHS compatible
s
Approximate weight 0.44 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
13,3
top view
1
2
3
4
7
8
9
10
1,4
0,8
2,54
7,62
side view
bottom view
Pin configuration
s
11
Input
s
12
Input ground or balanced input
s
5
Output
s
6
Output ground or balanced output
s
1, 4, 7, 10 To be grounded
s
2, 3, 8, 9
Case ground
5
6
2,3,8,9
11
12


Similar Part No. - B5015_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B5015E ETC2-B5015E Datasheet
380Kb / 1P
   DC BLOWERS
logo
Mechatronics, Inc.
B5015E MECHATRONICS-B5015E Datasheet
380Kb / 1P
   UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
B5015H ETC2-B5015H Datasheet
380Kb / 1P
   DC BLOWERS
logo
Mechatronics, Inc.
B5015H MECHATRONICS-B5015H Datasheet
380Kb / 1P
   UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
B5015M ETC2-B5015M Datasheet
380Kb / 1P
   DC BLOWERS
More results

Similar Description - B5015_1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
   CDMA, W-CDMA Medium Power Amplifier
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
EPCOS
B4182 EPCOS-B4182_1 Datasheet
74Kb / 10P
   CDMA BTS
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
   HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
EPCOS
B39881B7654P810 EPCOS-B39881B7654P810 Datasheet
254Kb / 13P
   SAW Duplexer W-CDMA Band 5 / CDMA 800
logo
American Accurate Compo...
JXMBSG-T-C10-01-C AAC-JXMBSG-T-C10-01-C Datasheet
195Kb / 1P
   CDMA Cavity Diplexer
logo
Transko Electronics, In...
TD8388BC2 TRANSKO-TD8388BC2 Datasheet
630Kb / 5P
   CDMA SAW Duplexer
Revision 1: November 2008
TD8388BC1 TRANSKO-TD8388BC1 Datasheet
595Kb / 5P
   CDMA SAW Duplexer
Revision 1: November 2008
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com