Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11C0MFN2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC11C0MFN2
Description  8-Bit Microcontroller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11C0MFN2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC11C0MFN2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC11C0MFN2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MC68HC11C0
MOTOROLA
MC68HC11C0TS/D
11
3 On-Chip Memory
The MC68HC11C0 has 256 bytes of RAM. A 1024-byte block of bootstrap ROM is present in single-
chip, bootstrap, and test modes. The following paragraphs describe the memory systems of this MCU.
3.1 Memory Map and Register Block
The INIT register control the location of the registers in the 64-Kbyte CPU address space. The 128-byte
register block originates at $0000 after reset and can be placed at any 1-Kbyte boundary by writing an
appropriate value to the INIT register. The INIT register can be written only in the first 64 cycles after
reset. If the register block and RAM are placed at the same 1-Kbyte boundary, the first 128 bytes of
RAM are inaccessible. This is due to an on-chip hardware priority scheme which eliminates conflicts
which could arise from multiple resources sharing address locations. Refer to the memory map dia-
gram.
Can be written only once in first 64 cycles in expanded and single-chip modes or at any time in other
modes.
REG[15:10] — Internal Register Map Position
These bits determine the upper six bits of the register block address. At reset registers are mapped to
$0000–$007F. Refer to the memory map diagram.
INIT — Register Mapping
$003D
Bit 7
654321
Bit 0
REG15
REG14
REG13
REG12
REG11
REG10
RESET:
0
0000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11C0MFN2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11C0MFN2 NXP-MC68HC11C0MFN2 Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
More results

Similar Description - MC68HC11C0MFN2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com