Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7127 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA7127
Description  400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7127 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA7127 Datasheet HTML 1Page - NXP Semiconductors BGA7127 Datasheet HTML 2Page - NXP Semiconductors BGA7127 Datasheet HTML 3Page - NXP Semiconductors BGA7127 Datasheet HTML 4Page - NXP Semiconductors BGA7127 Datasheet HTML 5Page - NXP Semiconductors BGA7127 Datasheet HTML 6Page - NXP Semiconductors BGA7127 Datasheet HTML 7Page - NXP Semiconductors BGA7127 Datasheet HTML 8Page - NXP Semiconductors BGA7127 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
BGA7127
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 July 2010
3 of 24
NXP Semiconductors
BGA7127
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
4.
Functional diagram
5.
Shutdown control
Fig 2.
Functional diagram
BANDGAP
OUTPUT MATCH
INPUT MATCH
BIAS
ENABLE
V/I
CONVERTER
RF_OUT
GND
R1
R2
RF_IN
SHDN
VCC
ICQ_ADJ
6
7
58
2, 3
014aab047
VCC(BIAS)
VCC(RF)
Table 4.
Shutdown control settings
Mode
Mode description
Function description
SHDN
Vctrl(sd) (V)
Ictrl(sd) (μA)
Min
Max
Min
Max
Idle
medium power MMIC fully off;
minimal supply current
shutdown control enabled
0
0
0.7
-
2
TX
medium power MMIC transmit mode
shutdown control disabled
1
2.5
VCC(BIAS) -3


Similar Part No. - BGA7127

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7127 NXP-BGA7127 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA7127

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
   400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
   400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
BGA6130 NXP-BGA6130 Datasheet
742Kb / 27P
   400 MHz to 2700 MHz 1 W high efficiency silicon amplifier
Rev. 2-12 February 2014
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
Skyworks Solutions Inc.
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
   2300 ??2700 MHz High Gain and Linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com