Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGR269 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGR269
Description  200 MHz, 35 dB gain reverse amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGR269 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGR269 Datasheet HTML 1Page - NXP Semiconductors BGR269 Datasheet HTML 2Page - NXP Semiconductors BGR269 Datasheet HTML 3Page - NXP Semiconductors BGR269 Datasheet HTML 4Page - NXP Semiconductors BGR269 Datasheet HTML 5Page - NXP Semiconductors BGR269 Datasheet HTML 6Page - NXP Semiconductors BGR269 Datasheet HTML 7Page - NXP Semiconductors BGR269 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
High performance amplifier in a SOT115J package, operating at a voltage supply of
24 V (DC).
1.2 Features and benefits
Excellent linearity
Silicon nitride passivation
Rugged construction
Gold metallization ensures excellent reliability
35 dB amplification up to 200 MHz
1.3 Applications
Reverse amplifier in two-way CATV systems operating in the 5 MHz to 200 MHz
frequency range
1.4 Quick reference data
[1]
The module normally operates at VB = 24 V, but is able to withstand supply transients up to VB =35V.
BGR269
200 MHz, 35 dB gain reverse amplifier
Rev. 6 — 5 August 2010
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 5 MHz
34.5
35
35.5
dB
f=200MHz
35
-
36
dB
Itot
total current
VB =24V
[1] 145
160
175
mA


Similar Part No. - BGR269

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGR269 PHILIPS-BGR269 Datasheet
47Kb / 8P
   Hybrid CATV amplifier module
2000 May 01
BGR269 NXP-BGR269 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGR269

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
BGY67A JMNIC-BGY67A_15 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
logo
NXP Semiconductors
BGY67A PHILIPS-BGY67A Datasheet
46Kb / 7P
   200 MHz, 24 dB gain reverse amplifier
Rev. 04-14 March 2005
logo
Quanzhou Jinmei Electro...
BGY67_2015 JMNIC-BGY67_2015 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
BGY66B_2015 JMNIC-BGY66B_2015 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
BGY66B JMNIC-BGY66B_15 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
logo
NXP Semiconductors
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
   65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com