Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5050 Datasheet(PDF) 3 Page - EPCOS

Part # B5050
Description  cdma2000
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5050 Datasheet(HTML) 3 Page - EPCOS

  B5050 Datasheet HTML 1Page - EPCOS B5050 Datasheet HTML 2Page - EPCOS B5050 Datasheet HTML 3Page - EPCOS B5050 Datasheet HTML 4Page - EPCOS B5050 Datasheet HTML 5Page - EPCOS B5050 Datasheet HTML 6Page - EPCOS B5050 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Mar 16, 2007
B5050
88.5 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–10 to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
88.5
MHz
Minimum insertion attenuation
α
min
(including matching network)
7.4
9.0
dB
Passband width
B1.0dB
α
rel ≤ 1 dB
3.78
5.2
MHz
Amplitude ripple (p-p)
∆α
fN ± 1.89 MHz
0.4
1.0
dB
Deviation from linear phase (p-p)
∆ϕ
fN ± 1.89 MHz
3
6
˚
Deviation from linear phase (rms)
∆ϕ
fN ± 1.89 MHz
0.6
1.2
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 15.5 ... fN ± 50.0 MHz
50
60
dB
Return loss
Input
fN ± 1.89 MHz
10
13
dB
Output
fN ± 1.89 MHz
10
15
dB
Temperature coefficient of frequency
TCf
– 87
ppm/K


Similar Part No. - B5050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5051 EPCOS-B5051 Datasheet
63Kb / 7P
   SAW IF filter WCDMA
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5054 EPCOS-B5054 Datasheet
108Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
More results

Similar Description - B5050

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9072A KEYSIGHT-M9072A Datasheet
2Mb / 10P
   M9072A cdma2000/cdmaOne
E1987A KEYSIGHT-E1987A Datasheet
1Mb / 27P
   cdma2000/IS-95/AMPS
E6716G KEYSIGHT-E6716G Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
logo
EPCOS
B5071 EPCOS-B5071 Datasheet
64Kb / 7P
   SAW IF filter WCDMA and CDMA2000
logo
Keysight Technologies
E6704A KEYSIGHT-E6704A Datasheet
533Kb / 15P
   E6702G cdma2000/IS-95/AMPS
logo
Skyworks Solutions Inc.
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
   Power Amplifier Module for CDMA2000
logo
NIHON DEMPA KOGYO
WX948C NDK-WX948C Datasheet
75Kb / 1P
   SAW Device For cdma2000 2 GHz
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Fairchild Semiconductor
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77148 SKYWORKS-SKY77148_06 Datasheet
293Kb / 14P
   SKY77148 PA Module for CDMA2000 (450-460 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com