Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5051 Datasheet(PDF) 4 Page - EPCOS

Part # B5051
Description  SAW IF filter WCDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5051 Datasheet(HTML) 4 Page - EPCOS

  B5051 Datasheet HTML 1Page - EPCOS B5051 Datasheet HTML 2Page - EPCOS B5051 Datasheet HTML 3Page - EPCOS B5051 Datasheet HTML 4Page - EPCOS B5051 Datasheet HTML 5Page - EPCOS B5051 Datasheet HTML 6Page - EPCOS B5051 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
May 20, 2009
B5051
161.28 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network, 50
Ω Input, 200 Ω Output
Adjacent Channel Suppression
ACS
fN - 22.5 MHz ± 1.92 MHz
39
45
dB
fN - 17.5 MHz ± 1.92 MHz
25
31
dB
fN + 17.5 MHz ± 1.92 MHz
23
29
dB
fN + 22.5 MHz ± 1.92 MHz
37
43
dB
Temperature coefficient of frequency
TCf
–87
ppm/K
1) dB
INT is integrated rejection (see formula below)
dBINT =
where Loss(Fn)=
N = Number of frequency, insertion pairs
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
10
dBm
min.
typ.
@ 25 ˚C
max.
Loss F
n1
() Loss F
n
()
+
2
------------------------------------------------------------
F
n
F
n1
()
×
2
N
F
N
F
1
--------------------------------------------------------------------------------------------------------
10
S
21 indB
() 20
Lp1 =39 nH
Ls2 =68 nH
Ls3 =68 nH
Cp4=12 pF
Ls2
Lp1
Ls3
Ls3
Cp4


Similar Part No. - B5051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5050 EPCOS-B5050 Datasheet
54Kb / 7P
   cdma2000
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5054 EPCOS-B5054 Datasheet
108Kb / 8P
   SAW Rx filter TETRA
B5055 EPCOS-B5055 Datasheet
86Kb / 8P
   SAW Rx filter TETRA
More results

Similar Description - B5051

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5087 EPCOS-B5087 Datasheet
62Kb / 7P
   SAW IF filter WCDMA
B5060 EPCOS-B5060 Datasheet
66Kb / 8P
   SAW IF filter WCDMA
B5070 EPCOS-B5070 Datasheet
68Kb / 8P
   SAW IF filter WCDMA
B5071 EPCOS-B5071 Datasheet
64Kb / 7P
   SAW IF filter WCDMA and CDMA2000
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
TA2140GM TRANSKO-TA2140GM Datasheet
457Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
logo
Oscilent Corporation
862-RF2140.0M-A6 OSCILENT-862-RF2140.0M-A6 Datasheet
172Kb / 3P
   WCDMA, RF-Rx SAW Filter
802-RF2140.0M-A02 OSCILENT-802-RF2140.0M-A02 Datasheet
196Kb / 3P
   WCDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA2160KM TRANSKO-TA2160KM Datasheet
472Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com