Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5058 Datasheet(PDF) 3 Page - EPCOS

Part # B5058
Description  SAW Rx Filter Business Radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5058 Datasheet(HTML) 3 Page - EPCOS

  B5058 Datasheet HTML 1Page - EPCOS B5058 Datasheet HTML 2Page - EPCOS B5058 Datasheet HTML 3Page - EPCOS B5058 Datasheet HTML 4Page - EPCOS B5058 Datasheet HTML 5Page - EPCOS B5058 Datasheet HTML 6Page - EPCOS B5058 Datasheet HTML 7Page - EPCOS B5058 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 22, 2007
B5058
460.0 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +60˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
460.0
MHz
Maximum insertion attenuation
α
max
450.0
...
470.0
MHz
2.0
3.2 1)
1) 2.2 dB at 25 ˚C.
dB
Amplitude ripple (p-p)
∆α
450.0
...
470.0
MHz
0.7
2.4 2)
2) 1.4 dB at 25 ˚C.
dB
Input return loss
450.0
...
470.0
MHz
10.0
14.5
dB
Output return loss
450.0
...
470.0
MHz
10.0
17.5
dB
Attenuation
α
0.1
...
300.0
MHz
30
42
dB
300.0
...
380.0
MHz
24
34
dB
380.0
...
430.0
MHz
15
23
dB
504.825...
524.825MHz
12
32
dB
559.65 ...
579.65 MHz
28
41
dB
669.3
...
689.3
MHz
24
37
dB
689.3
... 1000.0
MHz
26
34
dB
Temperature coefficient of frequency
TCf
-70
ppm/K


Similar Part No. - B5058

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5050 EPCOS-B5050 Datasheet
54Kb / 7P
   cdma2000
B5051 EPCOS-B5051 Datasheet
63Kb / 7P
   SAW IF filter WCDMA
B5052 EPCOS-B5052 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
B5053 EPCOS-B5053 Datasheet
83Kb / 8P
   SAW Rx filter TETRA
B5054 EPCOS-B5054 Datasheet
108Kb / 8P
   SAW Rx filter TETRA
More results

Similar Description - B5058

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5046 EPCOS-B5046 Datasheet
105Kb / 9P
   SAW Rx Filter Trunked Radio
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com