Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCK68HC16Z1CPV20 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCK68HC16Z1CPV20
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCK68HC16Z1CPV20 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCK68HC16Z1CPV20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCK68HC16Z1CPV20 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
10.4.5.7
Idle-Line Detection ................................................................10-21
10.4.5.8
Receiver Wake-Up ................................................................10-22
10.4.5.9
Internal Loop .........................................................................10-22
10.5
MCCI Initialization .................................................................................10-23
SECTION 11
GENERAL-PURPOSE TIMER
11.1
General ....................................................................................................11-1
11.2
GPT Registers and Address Map ............................................................11-2
11.3
Special Modes of Operation ....................................................................11-3
11.3.1
Low-Power Stop Mode ....................................................................11-3
11.3.2
Freeze Mode ...................................................................................11-3
11.3.3
Single-Step Mode ............................................................................11-4
11.3.4
Test Mode .......................................................................................11-4
11.4
Polled and Interrupt-Driven Operation .....................................................11-4
11.4.1
Polled Operation ..............................................................................11-4
11.4.2
GPT Interrupts .................................................................................11-5
11.5
Pin Descriptions ......................................................................................11-7
11.5.1
Input Capture Pins ...........................................................................11-7
11.5.2
Input Capture/Output Compare Pin .................................................11-7
11.5.3
Output Compare Pins ......................................................................11-7
11.5.4
Pulse Accumulator Input Pin ...........................................................11-7
11.5.5
Pulse-Width Modulation ..................................................................11-8
11.5.6
Auxiliary Timer Clock Input ..............................................................11-8
11.6
General-Purpose I/O ...............................................................................11-8
11.7
Prescaler .................................................................................................11-8
11.8
Capture/Compare Unit ..........................................................................11-10
11.8.1
Timer Counter ...............................................................................11-10
11.8.2
Input Capture Functions ................................................................11-10
11.8.3
Output Compare Functions ...........................................................11-13
11.8.3.1
Output Compare 1 .................................................................11-14
11.8.3.2
Forced Output Compare .......................................................11-14
11.9
Input Capture 4/Output Compare 5 .......................................................11-14
11.10
Pulse Accumulator ................................................................................11-14
11.11
Pulse-Width Modulation Unit .................................................................11-16
11.11.1
PWM Counter ................................................................................11-18
11.11.2
PWM Function ...............................................................................11-18
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCK68HC16Z1CPV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCK68HC16Z1CPV20 FREESCALE-MCK68HC16Z1CPV20 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCK68HC16Z1CPV20 FREESCALE-MCK68HC16Z1CPV20 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
More results

Similar Description - MCK68HC16Z1CPV20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com