Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48033BF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA48033BF
Description  1 A Three-Terminal Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48033BF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA48033BF Datasheet HTML 1Page - Toshiba Semiconductor TA48033BF Datasheet HTML 2Page - Toshiba Semiconductor TA48033BF Datasheet HTML 3Page - Toshiba Semiconductor TA48033BF Datasheet HTML 4Page - Toshiba Semiconductor TA48033BF Datasheet HTML 5Page - Toshiba Semiconductor TA48033BF Datasheet HTML 6Page - Toshiba Semiconductor TA48033BF Datasheet HTML 7Page - Toshiba Semiconductor TA48033BF Datasheet HTML 8Page - Toshiba Semiconductor TA48033BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TA48015,018,025,033,05,08,09BF
2009-02-02
3
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
16
V
Output current
IOUT
1
A
Operating junction temperature
Tjopr
-40 to 150
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Ta
= 25°C
1
Power dissipation
Tc
= 25°C
PD
10
W
Note 1: Do not apply external current and voltage (including negative voltage) to non-specified pins.
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j−a)
125
/ W
Thermal resistance, junction to case
Rth (j−c)
12.5
/ W
Protection Function (reference)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
150
175
°C
Thermal shutdown hysteresis width
TSD(hys)
VIN = 3.4 V (015 to 018BF) / 3.5 V (025BF)
4.3 V (033BF) / 6.0 V (05BF) /
9.0 V (08BF) / 10.0 V (09BF)
20
°C
VIN = VOUT + 2 V, Tj = 25°C
1.7
Peak circuit current
IPEAK
VIN = 12 V, Tj = 25°C
1.8
A
VIN = VOUT + 2 V, Tj = 25°C
1.2
Short circuit current
ISC
VIN = 12 V, Tj = 25°C
1.3
A
Note 3: Ensure that the devices operate within the limits of the maximum rating when in actual use.


Similar Part No. - TA48033BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48033BF TOSHIBA-TA48033BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
More results

Similar Description - TA48033BF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48015BF TOSHIBA-TA48015BF Datasheet
252Kb / 11P
   1 A Three-Terminal Low-Dropout Voltage Regulator
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com