Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2065 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5500.2065
Description  AC Filter, Broad Band Attenuation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2065 Datasheet(HTML) 1 Page - Schurter Inc.

  5500.2065 Datasheet HTML 1Page - Schurter Inc. 5500.2065 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

-Phase Line Filters
FMAB
www.schurter.com/pg06_
EMC Products
AC Filter, Broad Band Attenuation
Description
-Chassis:
Screw-onmounting,fromtop
-Line-filterinstandardversion,1-stage,highattenuation
-Veryhighsymmetricalandasymmetricalattenuationlossinthefre-
quencyrangefrom10kHzupto30MHz
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Designedforhighcurrentapplications
-Highattenuationatmaximumresp.asymmetricloadindependentfrom
thelineimpedance
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
12-30A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
12-30A@Ta40°C/125VAC;60Hz
LeakageCurrent
industrial<5.2mA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Screw
Material:Housing
Metal
LineFilter
IndustrialVersion,IEC60939,IEC
60601-1,UL1283,UL544,EN133
200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 24-2
51±0.3
5.3 ±0.3
max. 137
(7)
max. 100
max. 58
(17)
M6
1)
2)
3)
1) Line2) Load3) Nut torque 3...4 Nm.
Case 24-6
51±0.3
5.3 ±0.3
max. 137
(7)
max. 100
max. 58
(17)
M6
1)
2)
3)


Similar Part No. - 5500.2065

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2060 SCHURTER-5500.2060 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2061 SCHURTER-5500.2061 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2062 SCHURTER-5500.2062 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2063 SCHURTER-5500.2063 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2068 SCHURTER-5500.2068 Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
More results

Similar Description - 5500.2065

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
   AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com