Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBC Datasheet(PDF) 2 Page - Schurter Inc.

Part # FMBC
Description  2-stage filter for 3-phase systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC Datasheet(HTML) 2 Page - Schurter Inc.

  FMBC Datasheet HTML 1Page - Schurter Inc. FMBC Datasheet HTML 2Page - Schurter Inc. FMBC Datasheet HTML 3Page - Schurter Inc. FMBC Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

3-Phase Filters
FMBC
www.schurter.com/pg80
EMC Products
Case 32-7
6.5 ±0.3
1)
2)
M6
3)
237 max.
201 max.
115 ±0.3
66 max.
(2)
(17)
Case 37-3
1)
2)
M10
5)
378 max.
301 max.
325 ±1
81 max.
(15)
(58)
4)
5)
6.5x15
Case 38-3
6.5x15
1)
2)
M6
3)
351 max.
301 max.
325 ±1
81 max.
(12)
(55)
1) Line
2) Load
3) Tightening torque 3...4 Nm
4) Tightening torque 10...17 Nm
5) Do not unscrew lock-nut
Case 40-3
6.5x15
1)
2)
M6
3)
351 max.
301 max.
325 ±1
81 max.
(12)
(55)
Technical data to the filter components
Rated Current
@ Ta 40°C (75°C) [A]
Characteristic
L [mH]
C [
μF] C [μF] C3 [nF] C4 [nF] R [MΩ] R [MΩ] R3 [MΩ] R4 [MΩ]
8 (5.6)
Excellent attenuation
8
1.0
1.0
2.2
47
-
-
1
1
12 (6.6)
Excellent attenuation
5.5
1.0
1.0
2.2
47
-
-
1
1
16 (8.8)
Excellent attenuation
4.5
1.0
1.0
2.2
47
-
-
1
1
25 (16)
Excellent attenuation
4.5
1.0
2.2
2.2
47
-
-
1
1
25 (13)
High attenuation
2.4
1.0
2.2
2.2
47
-
-
1
1
64 (36)
Excellent attenuation
0.85
2.2
2.2
4.4
100
-
1
1
1
36 (19.5)
Excellent attenuation
3
1.0
2.2
4.4
47
1
1
1
1
50 (27)
Excellent attenuation
1.5
2.2
2.2
4.4
100
1
1
1
1
36 (19)
High attenuation
1.5
1.0
2.2
4.4
47
-
1
1
1


Similar Part No. - FMBC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0958-2010 SCHURTER-FMBC-0958-2010 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0958-2060 SCHURTER-FMBC-0958-2060 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0960-3610 SCHURTER-FMBC-0960-3610 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0960-3660 SCHURTER-FMBC-0960-3660 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0962-6610 SCHURTER-FMBC-0962-6610 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
More results

Similar Description - FMBC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMBCLL SCHURTER-FMBCLL Datasheet
702Kb / 7P
   2-stage filter for 3-phase systems with low leakage current
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com