Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBC-0932 Datasheet(PDF) 4 Page - Schurter Inc.

Part # FMBC-0932
Description  2-stage filter for 3-phase systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0932 Datasheet(HTML) 4 Page - Schurter Inc.

  FMBC-0932 Datasheet HTML 1Page - Schurter Inc. FMBC-0932 Datasheet HTML 2Page - Schurter Inc. FMBC-0932 Datasheet HTML 3Page - Schurter Inc. FMBC-0932 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
3-Phase Filters
FMBC
www.schurter.com/pg80
EMC Products
Variants
Rated Current
@ Ta 40°C (75°C)
[A]
Characteristic
Tripped Power
Dissipation [W]
Contact Resistance
[m
Ω]
Leakage
Current
[mA] )
Weight [kg]
Screw
clamps
[mm] )
Housing
Order
Number
8 (5.6)
Excellent attenuation
10.6
55
19
1.7
4
27-3
FMBC-0927-
12 (6.6)
Excellent attenuation
10
23
19
1.9
4
27-3
FMBC-0927-
16 (8.8)
Excellent attenuation
14.6
19
19
2.28
4
31-3
FMBC-0931-
25 (16)
Excellent attenuation
18.8
10
19
3.4
6
32-7
FMBC-0932-
25 (13)
High attenuation
20.7
11
19
3.5
6
32-7
FMBC-0932-
64 (36)
Excellent attenuation
47.9
3.9
39
7.45
25
37-3
FMBC-0937-
36 (19.5)
Excellent attenuation
29.2
7.5
19
7.4
6
38-3
FMBC-0938-
50 (27)
Excellent attenuation
30.3
4.0
39
7
10
38-3
FMBC-0938-
50 (27)
High attenuation
25.9
3.45
39
7
10
38-3
FMBC-0938-
36 (19)
High attenuation
18.3
4.7
19
6.5
6
40-3
FMBC-0940-
2)Maximumconductorcrosssection(wiregauge)tobeused;acomparativetableforAWGandmm²valuescanbefoundinthegeneralproductinformationwww.schurter.
com/emc_info
1)Worstcaseleakagecurrentacc.toIEC60950-AnnexG4(situationwithtwointerruptedlines).Nominalleakagecurrentacc.toIEC60950-5.2.5.canbefoundinsection
technicaldata.
Packaging unit
1Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - FMBC-0932

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0958-2010 SCHURTER-FMBC-0958-2010 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0958-2060 SCHURTER-FMBC-0958-2060 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0960-3610 SCHURTER-FMBC-0960-3610 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0960-3660 SCHURTER-FMBC-0960-3660 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
FMBC-0962-6610 SCHURTER-FMBC-0962-6610 Datasheet
621Kb / 5P
   Compact 2-stage bookform filter
More results

Similar Description - FMBC-0932

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMBCLL SCHURTER-FMBCLL Datasheet
702Kb / 7P
   2-stage filter for 3-phase systems with low leakage current
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com