Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBC-0994-2000 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FMBC-0994-2000
Description  Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0994-2000 Datasheet(HTML) 3 Page - Schurter Inc.

  FMBC-0994-2000 Datasheet HTML 1Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 2Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 3Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3-Phase Filters
FMBC ECO
www.schurter.com/pg80
EMC Products
Technical data to the filter components
Rated Current [A]
L [mH]
C [
μF] C [μF] C3 [μF] C4 [nF] R [MΩ]
R [M
Ω]
10
2.3
1
1
1
10
1
1
20
1.5
1
1
1
10
1
1
36
0.9
1
1
2.2
47
1
2.2
50
0.45
1
1
2.2
47
1
2.2
66
0.45
1
1
2.2
47
1
2.2
80
0.32
1
1
2.2
47
1
2.2
115
0.24
1
2.2
2.2
100
1
2.2
Diagrams
1)
2)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
IndustrialVersion
10A (FMBC-0994-1000)
20A (FMBC-0994-2000)
36A (FMBC-0995-3600)
50A (FMBC-0996-5000)
66A (FMBC-0996-6600)
80A (FMBC-0996-8000)
115A (FMBC-0997-H115)
Variants
Rated Current
@ Ta 40°C (75°C) [A]
Characteristic
Tripped Power Dissi-
pation [W]
Contact Resi-
stance [m
Ω]
Leakage
Current
Weight
[kg]
Screw clamps
[mm] )
Housing
Order Number
10
High attenuation
4
37
5
1.1
10
94
FMBC-0994-1000
20
High attenuation
9
20
5
1.6
10
94
FMBC-0994-2000
36
High attenuation
5
3.5
7.5
2.2
16
95
FMBC-0995-3600
50
High attenuation
20
7.5
7.5
2.7
16
95
FMBC-0995-5000
66
High attenuation
22
4.5
7.5
3.4
25
96
FMBC-0996-6600
80
High attenuation
24
3.5
7.5
3.4
25
96
FMBC-0996-8000
115
High attenuation
36
2.5
15.0
5
35
97
FMBC-0997-H115
2)Maximumconductorcrosssection(wiregauge)tobeused;acomparativetableforAWGandmm²valuescanbefoundinthegeneralproductinformationwww.schurter.
com/emc_info
1)Worstcaseleakagecurrentacc.toIEC60950-AnnexG4(situationwithtwointerruptedlines).Nominalleakagecurrentacc.toIEC60950-5.2.5.canbefoundinsection
technicaldata.


Similar Part No. - FMBC-0994-2000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results

Similar Description - FMBC-0994-2000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com