Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2405 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP2405
Description  Photocouplers GaA?밃s Infrared LED & Photo IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2405 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP2405 Datasheet HTML 4Page - Toshiba Semiconductor TLP2405 Datasheet HTML 5Page - Toshiba Semiconductor TLP2405 Datasheet HTML 6Page - Toshiba Semiconductor TLP2405 Datasheet HTML 7Page - Toshiba Semiconductor TLP2405 Datasheet HTML 8Page - Toshiba Semiconductor TLP2405 Datasheet HTML 9Page - Toshiba Semiconductor TLP2405 Datasheet HTML 10Page - Toshiba Semiconductor TLP2405 Datasheet HTML 11Page - Toshiba Semiconductor TLP2405 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLP2405
8
13.
13.
13.
13. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
13.1.
13.1.
13.1.
13.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow (See Fig. 13.1.1 and 13.1.2)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 13.1.1
13.1.1
13.1.1
13.1.1
An example of a temperature profile
An example of a temperature profile
An example of a temperature profile
An example of a temperature profile
when Sn-Pb eutectic solder is used
when Sn-Pb eutectic solder is used
when Sn-Pb eutectic solder is used
when Sn-Pb eutectic solder is used
Fig.
Fig.
Fig.
Fig. 13.1.2
13.1.2
13.1.2
13.1.2
An example of a temperature profile
An example of a temperature profile
An example of a temperature profile
An example of a temperature profile
when lead(Pb)-free solder is used
when lead(Pb)-free solder is used
when lead(Pb)-free solder is used
when lead(Pb)-free solder is used
When using soldering flow (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Apply preheating of 150 for 60 to 120 seconds.
Mounting condition of 260 within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Complete soldering within 10 seconds for lead temperature not exceeding 260 or within 3 seconds not
exceeding 350
Heating by soldering iron must be done only once per lead.
13.2.
13.2.
13.2.
13.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5 to 35 and 45% to 75%,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2010-08-12
Rev.1.0


Similar Part No. - TLP2405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP240A TOSHIBA-TLP240A Datasheet
410Kb / 17P
   Photocouplers Photorelay
More results

Similar Description - TLP2405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2748 TOSHIBA-TLP2748 Datasheet
559Kb / 17P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2745 TOSHIBA-TLP2745 Datasheet
1Mb / 20P
   GaA?밃s Infrared LED & Photo IC
TLP2310 TOSHIBA-TLP2310 Datasheet
744Kb / 21P
   GaA?밃s Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com