Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBC-0958-2060 Datasheet(PDF) 5 Page - Schurter Inc.

Part # FMBC-0958-2060
Description  Compact 2-stage bookform filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0958-2060 Datasheet(HTML) 5 Page - Schurter Inc.

  FMBC-0958-2060 Datasheet HTML 1Page - Schurter Inc. FMBC-0958-2060 Datasheet HTML 2Page - Schurter Inc. FMBC-0958-2060 Datasheet HTML 3Page - Schurter Inc. FMBC-0958-2060 Datasheet HTML 4Page - Schurter Inc. FMBC-0958-2060 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
3-Phase Filters
FMBC BOOK STYLE
www.schurter.com/pg80
EMC Products
Attenuation Loss
----differentialmode_____commonmode
IndustrialVersion
10 A
20 A
36 A
66 A
115 A
Variants
Rated Current [A]
Terminal
Tripped
Power Dissi-
Contact Resi-
stance [m
Ω]
Weight
[kg]
Clamps [mm]
Housing Order Number
10
Screw-on terminals on line- and loadside
9.45
31.5
1.9
4
67
FMBC-0967-1010
10
Screw-on terminals on lineside, wires on loadside
9.45
31.5
1.65
4
67C
FMBC-0967-1060
115
Screw-on terminals on line- and loadside
48
1.33
7.25
50
64
FMBC-0964-H110
20
Screw-on terminals on line- and loadside
17.5
14.6
2.15
4
58
FMBC-0958-2010
20
Screw-on terminals on lineside, wires on loadside
17.5
14.6
2.3
4
58C
FMBC-0958-2060
36
Screw-on terminals on line- and loadside
25.7
6.6
2.9
10
60
FMBC-0960-3610
36
Screw-on terminals on lineside, wires on loadside
25.7
6.6
3.1
10
60C
FMBC-0960-3660
66
Screw-on terminals on line- and loadside
43
3.3
4.4
25
62
FMBC-0962-6610
66
Screw-on terminals on lineside, wires on loadside
43
3.3
4.41
25
62C
FMBC-0962-6660
Packaging unit
1Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - FMBC-0958-2060

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results

Similar Description - FMBC-0958-2060

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EMC TEC-EMC Datasheet
242Kb / 3P
   Compact dual stage filter series
logo
Schurter Inc.
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
   AC Filter 2-Stage
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
logo
COSEL CO., LTD.
NBH COSEL-NBH Datasheet
449Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
logo
DENSEI-LAMBDA
MB1206 LAMBDA-MB1206 Datasheet
256Kb / 4P
   Band wide:150kHz ~ 30MHz, 2 stage filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com