Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAD-0956-H310 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FMAD-0956-H310
Description  1-stage filter for 3-phase systems with neutral conductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAD-0956-H310 Datasheet(HTML) 3 Page - Schurter Inc.

  FMAD-0956-H310 Datasheet HTML 1Page - Schurter Inc. FMAD-0956-H310 Datasheet HTML 2Page - Schurter Inc. FMAD-0956-H310 Datasheet HTML 3Page - Schurter Inc. FMAD-0956-H310 Datasheet HTML 4Page - Schurter Inc. FMAD-0956-H310 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
3-Phase Filters
FMAD
www.schurter.com/pg80
EMC Products
Case 55-4
1)
2)
M12
3)
591 max.
400 max.
280 ±0.5
169 max.
(50)
4)
9 ±0.5
(30)
1) Line
2) Load
3) Nut torque 14...30 Nm
4) Do not unscrew lock-nut
Case 56-4
1)
2)
M12
3)
615 max.
400 max.
280 ±0.5
169 max.
(50)
4)
9 ±0.5
(30)
Case KQ
max. 340
max. 258
max. 300
278
+0
–2
79
max. 150
max. 25 Nm
303±1
8
(4x)
10.5
±0.
3
(4x)
33
92
2)
1)
1) Line
2) Load
3) Torsional stress at flat copper max. 25 Nm
Technical data to the filter components
Rated Current
@ Ta 40°C (75°C) [A]
L [mH]
C [
μF] C [μF] C3 [nF] C4 [nF] C5 [μF] C6 [μF] R [MΩ] R [MΩ] R3 [MΩ] R4 [MΩ]
6 (4.8)
9
1.0
-
100
10
2.2
-
-
-
1
2.2
8 (5)
8
1.0
-
100
10
2.2
-
-
-
1
2.2
16 (9.5)
5
1.0
-
100
10
2.2
-
-
-
1
2.2
25 (13)
2.6
4.4
1
10
47
4.4
1
-
1
1
2.2
36 (19)
1.8
4.4
1
10
47
4.4
1
2.2
1
1
-
50 (32)
0.8
4.4
1
10
100
4.4
1
2.2
1
1
-
80 (43)
0.9
6.6
1
47
100
6.6
1
2.2
1
1
-
64 (34)
0.6
4.4
1
10
100
4.4
1
2.2
1
1
-
110 (66)
0.5
6.6
1
47
100
6.6
1
2.2
1
1
-
180 (95)
0.25
6.6
1
47
100
6.6
1
2.2
1
1
2.2
250 (120)
0.2
11
1
100
100
11
1
2.2
0.5
0.5
2.2


Similar Part No. - FMAD-0956-H310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD-T4QT-1660.EU SCHURTER-FMAD-T4QT-1660.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3060.US SCHURTER-FMAD-T4QT-3060.US Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3260.EU SCHURTER-FMAD-T4QT-3260.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
More results

Similar Description - FMAD-0956-H310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com