Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBC-0960-3660 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FMBC-0960-3660
Description  Compact 2-stage bookform filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0960-3660 Datasheet(HTML) 3 Page - Schurter Inc.

  FMBC-0960-3660 Datasheet HTML 1Page - Schurter Inc. FMBC-0960-3660 Datasheet HTML 2Page - Schurter Inc. FMBC-0960-3660 Datasheet HTML 3Page - Schurter Inc. FMBC-0960-3660 Datasheet HTML 4Page - Schurter Inc. FMBC-0960-3660 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
3-Phase Filters
FMBC BOOK STYLE
www.schurter.com/pg80
EMC Products
Case 67
2)
1)
240
+1
-2
50 max.
(11)
(11)
2.0...2.5 Nm
226 max.
254 max.
(20)
(52)
254 max.
6...8 Nm
Case 58C
1)
2)
305 max.
290
+1
-2
55 max.
276 max.
(300)
(11)
2...2.5 Nm
14 AWG
0.6...0.8 Nm
(9)
305 max.
(20)
Case 60C
1)
2)
346 max.
320
+1
-2
60 max.
335 max.
(400)
(11)
2...2.5 Nm
10 AWG
1.5...1.8 Nm
(9)
305 max.
(30)
1) Line
2) Load


Similar Part No. - FMBC-0960-3660

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results

Similar Description - FMBC-0960-3660

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EMC TEC-EMC Datasheet
242Kb / 3P
   Compact dual stage filter series
logo
Schurter Inc.
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
   AC Filter 2-Stage
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
logo
COSEL CO., LTD.
NBH COSEL-NBH Datasheet
449Kb / 2P
   Single phase input type (2-Stage filter)
July 21, 2022
logo
DENSEI-LAMBDA
MB1206 LAMBDA-MB1206 Datasheet
256Kb / 4P
   Band wide:150kHz ~ 30MHz, 2 stage filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com