Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2079 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5500.2079
Description  AC Filter Cost Optimized
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2079 Datasheet(HTML) 1 Page - Schurter Inc.

  5500.2079 Datasheet HTML 1Page - Schurter Inc. 5500.2079 Datasheet HTML 2Page - Schurter Inc. 5500.2079 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FMLB-4
www.schurter.com/pg06_
EMC Products
AC Filter Cost Optimized
Standard- or Medical-Filter
Description
-Chassis:
Screw-onmounting,fromtop
-Linefilterinstandardandmedicalversion,1-stage,standardattenua-
tion
-Quickconnectterminals6.3x0.8mm
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Designedforstandardapplications
-Protectionagainstinterferencevoltagefromthemains
Possibleinterferencesgeneratedintheequipmentarestronglyattenu-
ated
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-MedicalversionM80
-VersionwithZNR-varistorforovervoltageprotection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.25mA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
Material:Housing
Alu.anodised
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - 5500.2079

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2070 SCHURTER-5500.2070 Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
5500.2071 SCHURTER-5500.2071 Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
5500.2072 SCHURTER-5500.2072 Datasheet
499Kb / 3P
   AC Filter Cost Optimized
5500.2072 SCHURTER-5500.2072 Datasheet
436Kb / 4P
   AC Filter Cost Optimized
08.11.2021
5500.2073 SCHURTER-5500.2073 Datasheet
499Kb / 3P
   AC Filter Cost Optimized
More results

Similar Description - 5500.2079

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMLB-09 SCHURTER-FMLB-09 Datasheet
499Kb / 3P
   AC Filter Cost Optimized
FMLB-09 SCHURTER-FMLB-09_V02 Datasheet
436Kb / 4P
   AC Filter Cost Optimized
08.11.2021
FMLB-51 SCHURTER-FMLB-51 Datasheet
384Kb / 3P
   AC Filter Cost Optimized
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
   Cost optimized pulse transformers for THT mounting
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
logo
Integrated Device Techn...
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
Renesas Technology Corp
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
   Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
logo
Maxim Integrated Produc...
AN1156 MAXIM-AN1156 Datasheet
28Kb / 3P
   Low-Cost AC Supply
Jul 29, 2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com