Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2047 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2047
Description  AC Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2047 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2047 Datasheet HTML 1Page - Schurter Inc. 5500.2047 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

-Phase Line Filters
FMW-55
www.schurter.com/pg06_
EMC Products
Diagrams
Standard version
1)
2)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
10 A
IndustrialVersion
10 A
20 A
Variants
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
L [mH]
Cx (X) [nF]
Cy (Y) [nF]
Weight
[g]
Housing
Order Number
10
Standard Version
0.25
2 x 1
68
2.2
160
10
5500.2045
10
Industrial Version
2.1
2 x 1
68
22
140
10
5500.2046
20
Industrial Version
2.1
2 x 0.15
68
22
140
10
5500.2047
Packaging unit
10Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 5500.2047

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2040 SCHURTER-5500.2040 Datasheet
383Kb / 3P
   AC Filter
5500.2041 SCHURTER-5500.2041 Datasheet
383Kb / 3P
   AC Filter
5500.2041 SCHURTER-5500.2041 Datasheet
383Kb / 3P
   AC Filter
5500.2042 SCHURTER-5500.2042 Datasheet
383Kb / 3P
   AC Filter
5500.2043 SCHURTER-5500.2043 Datasheet
412Kb / 2P
   AC Filter 2-Stage
More results

Similar Description - 5500.2047

ManufacturerPart #DatasheetDescription
logo
Powerbox
NAM-10-000 POWERBOX-NAM-10-000 Datasheet
317Kb / 1P
   AC FILTER
NAP-10-000 POWERBOX-NAP-10-000 Datasheet
325Kb / 1P
   AC FILTER
logo
Schurter Inc.
FMW-41 SCHURTER-FMW-41 Datasheet
383Kb / 3P
   AC Filter
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
TAC-10-683 POWERBOX-TAC-10-683 Datasheet
342Kb / 1P
   AC FILTER
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
XF7006-00U2 XFMRS-XF7006-00U2 Datasheet
46Kb / 1P
   AC LINE FILTER
XF5006-00U2 XFMRS-XF5006-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0063-00U2 XFMRS-XF0063-00U2 Datasheet
94Kb / 2P
   AC LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com