Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7100.1018.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7100.1018.xx
Description  Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7100.1018.xx Datasheet(HTML) 3 Page - Schurter Inc.

  7100.1018.xx Datasheet HTML 1Page - Schurter Inc. 7100.1018.xx Datasheet HTML 2Page - Schurter Inc. 7100.1018.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
FRT 250T
www.schurter.com/pg0_2
Fuses
Time-Current Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsanamendments.


Similar Part No. - 7100.1018.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7100.1057.xx SCHURTER-7100.1057.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1058.xx SCHURTER-7100.1058.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1059.xx SCHURTER-7100.1059.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1060.xx SCHURTER-7100.1060.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1061.xx SCHURTER-7100.1061.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
More results

Similar Description - 7100.1018.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FRT250T SCHURTER-FRT250T_V02 Datasheet
339Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Time-Lag T
04.01.2022
FRT250F SCHURTER-FRT250F Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
FRT250F SCHURTER-FRT250F_V01 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
FRT250F SCHURTER-FRT250F_V02 Datasheet
345Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
04.01.2022
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0504.PT SCHURTER-8020.0504.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
172844 SCHURTER-172844 Datasheet
284Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com