Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3767 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.3767
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3767 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.3767 Datasheet HTML 1Page - Schurter Inc. 0034.3767 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
FSL 5x20
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.08
250
1)
1400
112
0.0367
l
0034.3761
0.1
250
1)
900
90
0.128
l
0034.3762
0.125
250
1)
750
94
0.161
l
0034.3763
0.16
250
1)
460
74
0.122
l
0034.3765
0.18
250
1)
680
122
0.393
l
0034.3766
0.2
250
1)
460
92
0.344
l
0034.3767
0.25
250
1)
310
78
0.29
l
0034.3768
0.315
250
1)
250
79
0.345
l
0034.3769
0.4
250
1)
280
112
0.337
l
0034.3770
0.5
250
1)
200
100
0.73
l
0034.3771
0.63
250
1)
200
126
3.62
l
0034.3772
0.75
250
1)
200
150
5.54
l
0034.3773
0.8
250
1)
200
160
5.12
l
0034.3774
1
250
1)
200
200
4.52
l
0034.3775
1.25
250
2)
230
288
1.54
l
0034.3776
1.5
250
2)
190
285
2.86
l
0034.3777
1.6
250
2)
190
304
2.93
l
0034.3778
2
250
2)
180
360
4.45
l
0034.3779
2.5
250
2)
190
475
9.45
l
0034.3780
3
250
2)
150
450
17.5
l
0034.3781
1)10kA@125VAC,p.f.=0.7-0.8/35A@250VAC,p.f.=0.7-0.8
2)10kA@125VAC,p.f.=0.7-0.8/100A@250VAC,p.f.=0.7-0.8
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.3767

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3780 SCHURTER-0034.3780 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
0034.3781 SCHURTER-0034.3781 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
More results

Similar Description - 0034.3767

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V02 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com