Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7100.1109.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 7100.1109.xx
Description  Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7100.1109.xx Datasheet(HTML) 2 Page - Schurter Inc.

  7100.1109.xx Datasheet HTML 1Page - Schurter Inc. 7100.1109.xx Datasheet HTML 2Page - Schurter Inc. 7100.1109.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
FRT 250T
www.schurter.com/pg0_2
Fuses
Variants
S=ShortTerminals
L=LongTerminals
T=TapedandReeled
.
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .25 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
S L T
Order Number
0.2
250
1)
235
85
0.1
l
l
l
 
 
7100.1008.xx
0.25
250
1)
180
80
0.2
l
l
l
 
 
7100.1009.xx
0.315
250
1)
130
70
0.3
l
l
l
 
 
7100.1010.xx
0.4
250
1)
130
90
0.49
l
l
l
 
 
7100.1011.xx
0.5
250
1)
120
110
0.53
l
l
l
 
 
7100.1012.xx
0.63
250
1)
100
115
1.13
l
l
l
 
 
7100.1013.xx
0.8
250
2)
230
330
1.5
l
l
l
 
 
7100.1014.xx
1
250
2)
155
300
1.6
l
l
l
 
 
7100.1015.xx
1.25
250
2)
120
270
3
l
l
l
 
 
7100.1016.xx
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
1.6
250
2)
120
375
4.9
l
l
l
 
 
7100.1017.xx
2
250
2)
105
400
7
l
l
l
 
 
7100.1018.xx
2.5
250
3)
95
420
7.3
l
l
l
 
 
7100.1019.xx
3.15
250
3)
92
520
4.7
l
l
l
 
 
7100.1020.xx
4
250
3)
90
600
25
l
l
l
 
 
7100.1021.xx
5
250
3)
92
800
32
l
l
l
 
 
7100.1022.xx
6.3
250
4)
93
680
53
l
l
l
 
 
7100.1023.xx
8
250
4)
65
500
87
l
l
l
 
 
7100.1024.xx
10
250
4)
63
900
160
l
l
l
 
 
7100.1025.xx
0.2
250
1)
235
85
0.1
l
l
 
l l
7100.1108.xx
0.25
250
1)
180
80
0.2
l
l
 
l l
7100.1109.xx
0.315
250
1)
130
70
0.3
l
l
 
l l
7100.1110.xx
0.4
250
1)
130
90
0.49
l
l
 
l l
7100.1111.xx
0.5
250
1)
120
110
0.53
l
l
 
l l
7100.1112.xx
0.63
250
1)
100
115
1.13
l
l
 
l l
7100.1113.xx
0.8
250
2)
230
330
1.5
l
l
 
l l
7100.1114.xx
1
250
2)
155
300
1.6
l
l
 
l l
7100.1115.xx
1.25
250
2)
120
270
3
l
l
 
l l
7100.1116.xx
1.6
250
2)
120
375
4.9
l
l
 
l l
7100.1117.xx
2
250
2)
105
400
7
l
l
 
l l
7100.1118.xx
2.5
250
3)
95
420
7.3
l
l
 
l l
7100.1119.xx
3.15
250
3)
92
520
4.7
l
l
 
l l
7100.1120.xx
4
250
3)
90
600
25
l
l
 
l l
7100.1121.xx
5
250
3)
92
800
32
l
l
 
l l
7100.1122.xx
6.3
250
4)
93
680
53
l
l
 
l l
7100.1123.xx
8
250
4)
65
500
87
l
l
 
l l
7100.1124.xx
10
250
4)
63
900
160
l
l
 
l l
7100.1125.xx
1)UL:35A@250VAC/DC/10kA@125VAC,p.f.=0.7-0.8
2)UL:50A@250VAC/DC/10kA@125VAC,p.f.=0.7-0.8
3)UL:50A@250VAC,p.f.
≥0.95
4)UL:63A@250VAC,p.f.
≥0.95
Packaging Unit
.xx=.13/S=ShortTerminalsPlasticBag(100pcs.)
.xx=.13/L=LongTerminalsPlasticBag(100pcs.)
.xx=.95/T=ReeledTaped36cmReel(500pcs.)
.xx=.96/T=ReeledTaped36cmReel(1000pcs.)


Similar Part No. - 7100.1109.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7100.1157.xx SCHURTER-7100.1157.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1158.xx SCHURTER-7100.1158.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1159.xx SCHURTER-7100.1159.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1160.xx SCHURTER-7100.1160.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1161.xx SCHURTER-7100.1161.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
More results

Similar Description - 7100.1109.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FRT250T SCHURTER-FRT250T_V02 Datasheet
339Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Time-Lag T
04.01.2022
FRT250F SCHURTER-FRT250F Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
FRT250F SCHURTER-FRT250F_V01 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
FRT250F SCHURTER-FRT250F_V02 Datasheet
345Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
04.01.2022
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0504.PT SCHURTER-8020.0504.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
172844 SCHURTER-172844 Datasheet
284Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com