Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.2521 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.2521
Description  Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.2521 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.2521 Datasheet HTML 1Page - Schurter Inc. 0034.2521 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
FSM 5x20
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.315
250
1)
250
200
200
0.268
0034.2511
0.4
250
1)
230
160
200
0.632
0034.2512
0.5
250
1)
210
140
200
0.675
0034.2513
0.63
250
1)
190
140
200
0.905
0034.2514
0.8
250
1)
170
130
200
1.68
0034.2515
1
250
1)
160
70
200
3.6
0034.2516
1.25
250
1)
160
70
200
5.47
0034.2517
1.6
250
2)
160
150
600
3.33
0034.2518
2
250
2)
160
140
700
4.8
0034.2519
2.5
250
2)
160
130
800
10.9
0034.2520
3.15
250
2)
160
120
1000
20.4
0034.2521
4
250
2)
160
120
1300
35.2
0034.2522
5
250
2)
150
100
1400
52.5
0034.2523
6.3
250
2)
140
100
1700
159
0034.2524
8
250
3)
140
90
2300
237
0034.2525
10
250
3)
120
80
2300
430
0034.2526
1)43/80A@250VAC/43/80A@125VDC
2)1000A@250VAC/1000A@125VDC
3)300A@250VAC/300A@125VDC
GlassTube:0.315A-1.25A
CeramicTube:1.6A-10A
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 1.25 A
_> 1.6 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.2521

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.2521 SCHURTER-0034.2521 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
04.01.2022
More results

Similar Description - 0034.2521

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSM5X20 SCHURTER-FSM5X20 Datasheet
233Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FSM5X20 SCHURTER-FSM5X20_V01 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
FSM5X20 SCHURTER-FSM5X20_V02 Datasheet
243Kb / 3P
   Miniature Fuse, 5 x 20 mm, Medium-Time-Lag M, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com