Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5201 Datasheet(PDF) 3 Page - EPCOS

Part # B5201
Description  SAW IF Filter CDMA base station, Rx
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5201 Datasheet(HTML) 3 Page - EPCOS

  B5201 Datasheet HTML 1Page - EPCOS B5201 Datasheet HTML 2Page - EPCOS B5201 Datasheet HTML 3Page - EPCOS B5201 Datasheet HTML 4Page - EPCOS B5201 Datasheet HTML 5Page - EPCOS B5201 Datasheet HTML 6Page - EPCOS B5201 Datasheet HTML 7Page - EPCOS B5201 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jul 16, 2008
B5201
183.6 MHz
SAW Components
Low-Loss Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Application
s
Low-loss IF filter for CDMA base station, re-
ceive path (Rx)
s
Usable passband 1.36 MHz
s
Unbalanced or balanced operation possible
s
High near-by selectivity
s
Temperature stable
Features
s
Package size 13.3 x 6.5 x 1.6 mm3
s
Package code DCC12A
s
RoHS compatible
s
Approx. weight 0.4 g
s
Ceramic package for Surface Mount Tech-
nology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
top view
side view
bottom view
13,3
1,0
7,62
12
3
4
5
6
7
8
9
10
3,81
Pin configuration
s
10
Input
s
1
Balanced Input or Input ground
s
5
Output
s
6
Balanced Output of Ouput ground
s
3, 8
To be grounded
s
2, 4, 7, 9 Case ground


Similar Part No. - B5201

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
170Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B520 CTC-B520 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
615Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B5200 CTC-B5200 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5200 CTC-B5200 Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B5201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5076 EPCOS-B5076 Datasheet
64Kb / 7P
   SAW IF filter CDMA
logo
Oscilent Corporation
803-RF384.0M-A OSCILENT-803-RF384.0M-A Datasheet
534Kb / 3P
   CDMA Rx RF SAW Filter
logo
Transko Electronics, In...
TA384AP TRANSKO-TA384AP Datasheet
301Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0: June 2004
logo
Oscilent Corporation
801-RF881.5M-D OSCILENT-801-RF881.5M-D Datasheet
219Kb / 3P
   CDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA881DM TRANSKO-TA881DM Datasheet
366Kb / 4P
   CDMA , RF-Rx SAW Filter
Revision 1: July 2015
TA881DL TRANSKO-TA881DL Datasheet
344Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0:
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
logo
Transko Electronics, In...
TA881FL1 TRANSKO-TA881FL1 Datasheet
427Kb / 4P
   CDMA, Balanced RF-Rx SAW Filter
Revision 0:
TF-088102-C12 TRANSKO-TF-088102-C12 Datasheet
546Kb / 4P
   CDMA, RF-Rx Balanced SAW Filter
Revision 0: November 2012
TA881JM3 TRANSKO-TA881JM3 Datasheet
365Kb / 4P
   CDMA, Balanced RF-Rx SAW Filter
Revision 0: MAY 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com