Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5206 Datasheet(PDF) 3 Page - EPCOS

Part # B5206
Description  SAW IF filter TD-SCDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5206 Datasheet(HTML) 3 Page - EPCOS

  B5206 Datasheet HTML 1Page - EPCOS B5206 Datasheet HTML 2Page - EPCOS B5206 Datasheet HTML 3Page - EPCOS B5206 Datasheet HTML 4Page - EPCOS B5206 Datasheet HTML 5Page - EPCOS B5206 Datasheet HTML 6Page - EPCOS B5206 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
October 28, 2009
B5206
153.6 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
153.6
MHz
Minimum insertion attenuation
α
min
7.8
10
dB
(including matching network)
Passband width
α
rel
1.0 dB
B1.0dB
20
23.9
MHz
Amplitude ripple (p-p)
∆α
fN ± 10 MHz
0.6
1.0
dB
Phase ripple (p-p)
∆ϕ
fN ± 10 MHz
2.5
5.0
°
Absolute group delay
τ
fN ± 10 MHz
0.51
1
µs
VSWR
Input
fN ± 10 MHz
1.5
2:1
Output fN ± 10 MHz
1.2
2:1
Relative attenuation (relative to
α
min)
α
rel
10 MHz ...
80 MHz
40
75
dB
80 MHz ... 105 MHz
55
65
dB
200 MHz ... 230 MHz
40
57
dB
230 MHz ... 280 MHz
45
57
dB
230 MHz ...
1 GHz
40
47
dB
Temperature coefficient of frequency
TCf
–87
ppm/K


Similar Part No. - B5206

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
170Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B520 CTC-B520 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
615Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B5200 CTC-B5200 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5200 CTC-B5200 Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B5206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
   SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA2017DM TRANSKO-TA2017DM Datasheet
394Kb / 4P
   TD-SCDMA, RF SAW Filter
Revision 0: September 2009
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
   TD-SCDMA, RF SAW Filter
Revision 0: October 2011
logo
EPCOS
B9467 EPCOS-B9467 Datasheet
96Kb / 8P
   SAW filter TD-SCDMA 2100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com