Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3165 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.3165
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3165 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.3165 Datasheet HTML 1Page - Schurter Inc. 0034.3165 Datasheet HTML 2Page - Schurter Inc. 0034.3165 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
FST 5x20
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.02–0.1 A
0.125–20 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.3165

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3165 SCHURTER-0034.3165 Datasheet
169Kb / 2P
   Non resettable fuses
More results

Similar Description - 0034.3165

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
20100011 SCHURTER-20100011 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V02 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com