Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5232 Datasheet(PDF) 5 Page - EPCOS

Part # B5232
Description  SAW IF filter DECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5232 Datasheet(HTML) 5 Page - EPCOS

  B5232 Datasheet HTML 1Page - EPCOS B5232 Datasheet HTML 2Page - EPCOS B5232 Datasheet HTML 3Page - EPCOS B5232 Datasheet HTML 4Page - EPCOS B5232 Datasheet HTML 5Page - EPCOS B5232 Datasheet HTML 6Page - EPCOS B5232 Datasheet HTML 7Page - EPCOS B5232 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Mar 16, 2010
B5232
110.592 MHz
SAW Components
SAW IF filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω single input and output
Ls1 = 10 nH
Ls2 = 68 nH
Ls3 = 68 nH
Ls4 = 10 nH
Cp1= 56 pF
Cp2 = 1pF
Cp3 = 1pF
Cp4 = 56 pF
Lp2 = 33 nH
Ls3 = 33 nH
Cs1= 33 pF
Cp4 = 33 pF
( Element values depend upon PCB layout and board parasitics)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
Input power
PIN
10
dBm
Ls1
Ls2
Ls3
Ls4
Cp4
Cp1
Cp2
Cp3


Similar Part No. - B5232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5233 EPCOS-B5233 Datasheet
64Kb / 7P
   Low-loss IF filter for GSM applications
B5239 EPCOS-B5239 Datasheet
81Kb / 8P
   Wide band, low-loss IF filter for LTE
More results

Similar Description - B5232

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
logo
Oscilent Corporation
813-SL62.5M-10 OSCILENT-813-SL62.5M-10 Datasheet
273Kb / 2P
   IF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com