Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39111B5232H310 Datasheet(PDF) 7 Page - EPCOS

Part # B39111B5232H310
Description  SAW IF filter DECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39111B5232H310 Datasheet(HTML) 7 Page - EPCOS

  B39111B5232H310 Datasheet HTML 1Page - EPCOS B39111B5232H310 Datasheet HTML 2Page - EPCOS B39111B5232H310 Datasheet HTML 3Page - EPCOS B39111B5232H310 Datasheet HTML 4Page - EPCOS B39111B5232H310 Datasheet HTML 5Page - EPCOS B39111B5232H310 Datasheet HTML 6Page - EPCOS B39111B5232H310 Datasheet HTML 7Page - EPCOS B39111B5232H310 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Mar 16, 2010
B5232
110.592 MHz
SAW Components
SAW IF filter
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B5232
Ordering code
B39111B5232H310
Marking and package
C61157-A7-A95
Packaging
F61074-V8170-Z000
Date codes
L_1126
S-parameters
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2010. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39111B5232H310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39111B4540Z710 EPCOS-B39111B4540Z710 Datasheet
71Kb / 6P
   SAW Components Bandpass Filter for Mobile Communication 112,32 MHz
B39111B8103L100 EPCOS-B39111B8103L100 Datasheet
72Kb / 7P
   IF Filters for Cordless Phones and ISM-Band Application
More results

Similar Description - B39111B5232H310

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
logo
Oscilent Corporation
813-SL62.5M-10 OSCILENT-813-SL62.5M-10 Datasheet
273Kb / 2P
   IF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com