Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDT Datasheet(PDF) 4 Page - Schurter Inc.

Part # HDT
Description  NO 2pole, IP65, illuminated Data sheet / Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HDT Datasheet(HTML) 4 Page - Schurter Inc.

  HDT Datasheet HTML 1Page - Schurter Inc. HDT Datasheet HTML 2Page - Schurter Inc. HDT Datasheet HTML 3Page - Schurter Inc. HDT Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
1996
Datum
Name
HDT
Bearb. 10.09.
Weisen
Gepr.
04.12.07
Weisen.
NO 2pole, IP65, illuminated
Vert.
e
9427
09.11.07
Weisen.
EDV-Datenblatt
Data sheet / Specifications
d
8828
04.05.04
Wesien.
c
8513
27.08.02
Weisen.
nicht manuell ändern
b
8349
14.11.01
Weisen.
a
8016
03.02.00
Weisen.
H
105.9296.201
-
7301
10.09.96
Weisen.
Zu Änd.
Datum
Name
Seite 4 von 4
Index: e
Verteiler nach
H 150.9304 Pos.C05
HDT with small button transparent - illuminated
1241.1732.9.X.0
Colour of LED
1 = red
2 = green
3 = yellow
4 = blue
HDT with large button transparent - illuminated
1241.2032.9.X.X
Colour of large button
3 = red
Colour of LED
5 = green
1 = red
6 = grey
2 = green
7 = black
3 = yellow
9 = transparent
4 = blue
Dimensions
Drilling diagram
Circuit diagram
* Indication area illuminated version
Solder-pad
Small button:
Large button:
Cut out Ø 8mm
Cut out Ø 10mm
NO


Similar Part No. - HDT

ManufacturerPart #DatasheetDescription
logo
C&K Components
HDT CK-COMPONENTS-HDT Datasheet
228Kb / 4P
   Micro Mini Surface Mount Detect Switches
HDT CK-COMPONENTS-HDT Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
logo
3M Electronics
HDT-0300-48A 3M-HDT-0300-48A Datasheet
64Kb / 3P
   3M??Heat Shrink Tubing HDT
November 2018
HDT-0400-48A 3M-HDT-0400-48A Datasheet
64Kb / 3P
   3M??Heat Shrink Tubing HDT
November 2018
HDT-0800-48A 3M-HDT-0800-48A Datasheet
64Kb / 3P
   3M??Heat Shrink Tubing HDT
November 2018
More results

Similar Description - HDT

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCPPRI30 CAMDENBOSS-CCPPRI30 Datasheet
207Kb / 1P
   IP65 illuminated pushbuttons
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
   Illuminated Pushbutton Switches IP40/IP65/IP67
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
   Specifications Sheet
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
   Specifications Sheet
AMSIRDK250-08 AMMSEMI-AMSIRDK250-08 Datasheet
547Kb / 2P
   Specifications Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com