Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5424.4051121 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5424.4051121
Description  IEC Appliance Inlet C14 Modular Assembling Options
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5424.4051121 Datasheet(HTML) 1 Page - Schurter Inc.

  5424.4051121 Datasheet HTML 1Page - Schurter Inc. 5424.4051121 Datasheet HTML 2Page - Schurter Inc. 5424.4051121 Datasheet HTML 3Page - Schurter Inc. 5424.4051121 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power Entry Modules with Line Filter
Felcom 54
www.schurter.com/pg06
EMC Products
IEC Appliance Inlet C14 Modular Assembling Options
5411.XX5X.XXX
Appliance inlet
Fuseholder
Line filter
5431.X05X.XXX
Appliance inlet
Appliance outlet
Switch
Line filter
Standard- or Medical-Filter
C14
70° C
F
70° C
Description
-PanelMount:
Snap-inversionfromfrontside
-2-5Functions:
ApplianceInletProtectionclassI,Connector,LineSwitch2-pole,Fuse-
holderforfuse-links5x20mm1-or2-pole,Linefilterinstandardand
medicalversion
-Solderterminals3.5x0.8mmorquickconnectterminals6.3x0.8
mm
-Alternative:versionwithoutlinefilterFelcom64
Approvals
-VDELicenseNumber:101307
-ULLicenseNumber:E72928
Characteristics
-Modularcomponentselection
-Individualcomponentssolderedonaprintedcircuitboard
-Plugremovalnecessaryforfuse-linkreplacement
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefuseholderisaccessiblefromtheequipmentfront
-Technicaldataoffilter-componentsseeblockfiltertype5500
-Fullyinsulatedfromtherear
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Lineswitchwithotherrockermarking
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/250VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Solderterminals3.5x0.8mmorquick
connectterminals6.3x0.8mm
PanelThicknesss
Snap-in:1/1.2/1.5/2/2.5/3mm1/1.2/1.5
/2/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
Facc.toIEC/EN60320-2-2,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:2W(1pole)/1.6W(2-pole)per
pole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineSwitch
Rockerswitch2-pole,non-illuminated,
acc.toIEC61058-1
Technicaldetails
LineFilter
StandardVersion,IEC60939,IEC
60601-1,UL1283,UL544,EN133
200,CSAC22.2no.8
Technicaldetails
MTBF
>1'400'000hacc.toMIL-HB-217F


Similar Part No. - 5424.4051121

ManufacturerPart #DatasheetDescription
logo
Heyco.
5424 HEYCO-5424 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
FCI connector
54241630 FCI-CONNECTOR-54241630 Datasheet
754Kb / 2P
   FCI MASTER COPY WHEN IN RED
54241630-B FCI-CONNECTOR-54241630-B Datasheet
754Kb / 2P
   FCI MASTER COPY WHEN IN RED
54241630N FCI-CONNECTOR-54241630N Datasheet
754Kb / 2P
   FCI MASTER COPY WHEN IN RED
54241630N-B FCI-CONNECTOR-54241630N-B Datasheet
754Kb / 2P
   FCI MASTER COPY WHEN IN RED
More results

Similar Description - 5424.4051121

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
6421005110 SCHURTER-6421005110 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
08.12.2021
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com