Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL-21-0001 Datasheet(PDF) 2 Page - Schurter Inc.

Part # IL-21-0001
Description  Cost optimized pulse transformers for THT mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

IL-21-0001 Datasheet(HTML) 2 Page - Schurter Inc.

  IL-21-0001 Datasheet HTML 1Page - Schurter Inc. IL-21-0001 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

Pulse Transformers
IL
www.schurter.com/pg85
EMC Products
Variants
Turns Ratio
Tr [μs]
Iign [A] UVAC [V]
Uisol
[kV]
Us x Tw
[V
μs]
Ls [mH] RP [Ω]
RS [Ω] CC [pF] Pm [W] Weight [g] Packing unit [pcs.]
Housing
Order Number
1:1
1
0.1
500
3.5
500
8.0
1.2
1.2
10
0.5
7
50
05-7
IL-11-0001
1:1
1
0.25
500
3.5
250
2.5
0.6
0.6
8
0.5
7
50
05-7
IL-11-0002
1:1
1
0.25
380
4.0
300
3.0
0.6
0.6
8
1.1
15
50
14-9
IL-21-0001
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - IL-21-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
IL-21-0001 SCHURTER-IL-21-0001 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
More results

Similar Description - IL-21-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
ILR SCHURTER-ILR_V02 Datasheet
211Kb / 2P
   Cost optimized pulse transformers for THT mounting, short rise time
04.01.2022
ILR SCHURTER-ILR Datasheet
345Kb / 1P
   Cost optimized pulse transformers for THT mounting, short rise time
logo
List of Unclassifed Man...
ITRF-0239-D502 ETC2-ITRF-0239-D502 Datasheet
265Kb / 3P
   Pulse transformers for THT mounting
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
ITNA-0235-D103 SCHURTER-ITNA-0235-D103 Datasheet
469Kb / 2P
   Pulse transformers for THT mounting
IX-30-0001 SCHURTER-IX-30-0001_V02 Datasheet
205Kb / 2P
   Cost optimized pulse transformer for THT mounting, up to 2W
04.01.2022
IX-30-0001 SCHURTER-IX-30-0001 Datasheet
317Kb / 1P
   Cost optimized pulse transformer for THT mounting, up to 2W
ISRA-0235-D103 SCHURTER-ISRA-0235-D103 Datasheet
271Kb / 3P
   Pulse transformers for SMD mounting
04.01.2022
ISNA-0235-D103 SCHURTER-ISNA-0235-D103 Datasheet
497Kb / 3P
   Pulse transformers for SMD mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com