Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3126.PT Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.3126.PT
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3126.PT Datasheet(HTML) 1 Page - Schurter Inc.

  0034.3126.PT Datasheet HTML 1Page - Schurter Inc. 0034.3126.PT Datasheet HTML 2Page - Schurter Inc. 0034.3126.PT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
FST 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
IEC 60127-2 · 250VAC · Time-Lag T
Description
-IECStandardFuse
-L=LowBreakingCapacity(GlassTube)
Standards
-IEC60127-2/3
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:40016601
-ULFileNumber:E41599
Applications
-PrimaryProtectioninEquipment
References
GeneralProductInformation
PigtailTypeFST5x20Pigtail
AssembledFuseholderOGN-SMD
FuseKitFuseKit5x20
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.02-20A
BreakingCapacity
35A-200A
Characteristic
Time-LagT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Tube
Glass
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity,Approvals
Dimensions
20mm
 
10
20±0.5
±0.2
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.02 A
60 min
-
-
-
40 ms
3 s
10 ms
300 ms
0.032 A - 0.1 A
60 min
120 s
200 ms
10 s
40 ms
3 s
10 ms
300 ms
0.125 A - 6.3 A
60 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
8 A - 20 A
30 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms


Similar Part No. - 0034.3126.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3126 SCHURTER-0034.3126 Datasheet
169Kb / 2P
   Non resettable fuses
0034.3126 SCHURTER-0034.3126 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results

Similar Description - 0034.3126.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
20100011 SCHURTER-20100011 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V02 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com