Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD13.1101.151 Datasheet(PDF) 1 Page - Schurter Inc.

Part # KD13.1101.151
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD13.1101.151 Datasheet(HTML) 1 Page - Schurter Inc.

  KD13.1101.151 Datasheet HTML 1Page - Schurter Inc. KD13.1101.151 Datasheet HTML 2Page - Schurter Inc. KD13.1101.151 Datasheet HTML 3Page - Schurter Inc. KD13.1101.151 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power entry modules without line filter
KD
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Standard or Medical Fuse drawer
C14
70° C
Description
-PanelMount:
Screw-onversionfromfrontorrearside,snap-inversionfromfront
side
-4Functions:
ApplianceInletProtectionclassI,LineSwitch1-or2-pole,Fusehol-
derwithinterchangeablefusedrawerforFuse-links5x20mmor
6.3x32mm,withorwithoutvoltageselector(step)
-Quickconnectterminals4.8x0.8mm
-Alternative:versionwithlinefilterCD
Approvals
-VDELicenseNumber:40011925
-ULLicenseNumber:E93617
-CSALicenseNumber:38456
Characteristics
-Allsingleelementsarealreadywired
-Thefusedrawer"Fingergrip"canberemovedbyhand
Foraddedsafety"Extra-Safe"fusedrawersareavailable
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefusedrawercanonlybeopenedwiththeaidofatool
Thefuseholderisaccessiblefromtheequipmentfront
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Lineswitch,illuminated
-Lineswitchwithotherrockermarking
-Lineswitch1-pole
-ForprotectionclassII
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/125VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>4kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals4.8x0.8mm
,tin-plated
PanelThicknesss
Screw:max8mm
Mountingscrewtorquemax0.5Nm
Snap-in:1.5/2/2.5mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20or6.3x32mm
RatedPowerAcceptance@
Ta23°C
5x20:2.5W(1pole)/2W(2-pole)per
pole
6.3x32:3.15W(1pole)/2.5W(2-pole)
perpole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineSwitch
Rockerswitch2-pole,non-illuminated,
acc.toIEC61058-1
Technicaldetails
VoltageSelectors
optional,step,2-4digits


Similar Part No. - KD13.1101.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KD13.1101.105 SCHURTER-KD13.1101.105 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
More results

Similar Description - KD13.1101.151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com