Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168X-CB2F320N Datasheet(PDF) 8 Page - Schurter Inc.

Part # AS168X-CB2F320N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB2F320N Datasheet(HTML) 8 Page - Schurter Inc.

  AS168X-CB2F320N Datasheet HTML 1Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 2Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 3Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 4Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 5Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 6Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 7Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 8Page - Schurter Inc. AS168X-CB2F320N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.schurter.com
130
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X
DIN rail mounting / Hutschiene DIN-Befestigung
AS168X-CB1…
…N
45
35
90
1.9
17.5
+0.5
–0.0
17.5
+0.5
–0.0
35 mm DIN rail EN 50022
35 mm Hutschiene DIN-EN 50022
Wire crosssection
Max. torque
Drahtquerschnitt
Max. Drehmoment
1.5…10 mm2
2.5 Nm
16 …25 mm2
3.1 Nm
AWG #16...8
22 Ib–in
AWG #6...4
28 Ib–in
Max. torque
Max. zulässiges Anzugsdrehmoment
AS168X-ACBH.
AS168X-ACBS.
AS168X-ACBA.
17.5
+0.5
–0.0
17.5
+0.5
–0.0
17.5
+0.5
–0.0


Similar Part No. - AS168X-CB2F320N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB2F320N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com