Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2410P Datasheet(PDF) 5 Page - Semtech Corporation

Part # ECLAMP2410P
Description  ESD Protecton Device for T-Flash/MicroSD Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2410P Datasheet(HTML) 5 Page - Semtech Corporation

  ECLAMP2410P Datasheet HTML 1Page - Semtech Corporation ECLAMP2410P Datasheet HTML 2Page - Semtech Corporation ECLAMP2410P Datasheet HTML 3Page - Semtech Corporation ECLAMP2410P Datasheet HTML 4Page - Semtech Corporation ECLAMP2410P Datasheet HTML 5Page - Semtech Corporation ECLAMP2410P Datasheet HTML 6Page - Semtech Corporation ECLAMP2410P Datasheet HTML 7Page - Semtech Corporation ECLAMP2410P Datasheet HTML 8Page - Semtech Corporation ECLAMP2410P Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
 2006 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2410P
Applications Information
Device Connection
The EClamp2410P is a microSD/T-Flash interface device
designed for use in cell phones and other portable
electronic devices. The EClamp2410P is comprised of
series and pull up resistors required on the microSD
interface. Each line also includes TVS diodes for ESD
protection. The device may be configured for SD or SPI
mode operation. In SD mode for example, the 15k Ohm
pull up resistors (Rup 1 and Rup 3) are connected to
VDD. In SPI mode pin 4 is not connected (Rup 1) since
these are reserved lines. The 50k Ohm pull up resistor
is used for card detection or SPI mode selection during
power up and is disconnected by the user during regular
data transfer.
The EClamp2410P is in a 16-pin SLP package. Electrical
connection is made to the 16 pins located at the bottom
of the device. The device has a flow through design for
easy layout. Pin connections are noted in Figure 1. A
center tab serves as the ground connection. Recom-
mendations for the ground connection are given below.
Ground Connection Recommendation
Parasitic inductance present in the board layout will
affect the filtering and ESD performance of the device.
Ground loop inductance can be reduced by using mul-
tiple vias to make the connection to the ground plane.
Figure 2 shows the recommended device layout. The
ground pad vias have a diameter of 0.008 inches (0.20
mm) while the two external vias have a diameter of
0.010 inches (0.250mm). The internal vias are spaced
approximately evenly from the center of the pad. The
designer may choose to use more vias with a smaller di-
ameter (such as 0.005 inches or 0.125mm) since chang-
ing the diameter of the via will result in little change in
inductance.
Layout Guidelines for Optimum ESD Protection
Good circuit board layout is critical not only for signal
integrity, but also for effective suppression of ESD
induced transients. For optimum ESD protection, the
following guidelines are recommended:
Place the device as close to the connector as
possible. This practice restricts ESD coupling into
adjacent traces and reduces parasitic inductance.
The ESD transient return path to ground should be
kept as short as possible. Whenever possible, use
multiple micro vias connected directly from the
device ground pad to the ground plane.
Avoid running critical signals near board edges.
Figure 1 - Pin Identification and Configuration
(Top Side View)
DAT1 In
DAT0 In
CL K In
R up1
1
Vd d
CMD In
DAT3 In
DAT2 In
DAT2 O u t
DAT3 O u t
CMD O u t
R up2
R up3
CL K O u t
DAT1 O u t
DAT0 O u t
16
Figure 2 - Recommended Layout using Ground Vias


Similar Part No. - ECLAMP2410P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2410PQ SEMTECH-ECLAMP2410PQ Datasheet
187Kb / 10P
   ESD Protection Device for T-Flash/MicroSD Interfaces
EClamp2410PQTCT SEMTECH-EClamp2410PQTCT Datasheet
187Kb / 10P
   ESD Protection Device for T-Flash/MicroSD Interfaces
More results

Similar Description - ECLAMP2410P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2515K SEMTECH-ECLAMP2515K Datasheet
199Kb / 8P
   ESD Protection Device for T-Flash/MicroSD Interfaces
ECLAMP2410PQ SEMTECH-ECLAMP2410PQ Datasheet
187Kb / 10P
   ESD Protection Device for T-Flash/MicroSD Interfaces
logo
ON Semiconductor
CM1624 ONSEMI-CM1624_13 Datasheet
690Kb / 7P
   EMI Filter for T-Flash / MicroSD Interfaces
April, 2013 ??Rev. 3
CM1624 ONSEMI-CM1624 Datasheet
772Kb / 10P
   Praetorian III EMI Filter for T-Flash/MicroSD Interfaces
May 2010 ??Rev. 2
EMI9106 ONSEMI-EMI9106 Datasheet
114Kb / 5P
   EMI Filter for MicroSD Interfaces
December, 2013 ??Rev. 0
logo
Nexperia B.V. All right...
IP4340CX15 NEXPERIA-IP4340CX15 Datasheet
343Kb / 15P
   6-channel filter for ESD protection of microSD memory card interfaces
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com