Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2454P.TCT Datasheet(PDF) 2 Page - Semtech Corporation

Part # ECLAMP2454P.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2454P.TCT Datasheet(HTML) 2 Page - Semtech Corporation

  ECLAMP2454P.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2454P.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
 2006 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2454P
Maximum Ratings
Electrical Characteristics (T=25oC)
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
0
2
-
/
+
5
1
-
/
+
V
k
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
5
2
1
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
p
o
5
8
+
o
t
0
4
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
o
C
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Mm
u
m
i
n
i
M
m
u
m
i
n
i
M
m
u
m
i
n
i
Mm
u
m
i
n
i
Ml
a
c
i
p
y
Tl
a
c
i
p
y
T
l
a
c
i
p
y
T
l
a
c
i
p
y
Tl
a
c
i
p
y
Tm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
S
V
TV
M
W
R
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
S
V
TV
R
B
I
t
A
m
1
=6
8
0
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
V
3
.
3
=1
.
0A
µ
e
c
n
a
t
s
i
s
e
R
C
DR
C
D
3
3s
m
h
O
y
c
n
e
u
q
e
r
F
f
f
O
-t
u
C
r
e
tl
i
Fc
fZ
e
c
r
u
o
S
Z
=
d
a
o
L
s
m
h
O
0
5
=5
5
1z
H
M
e
c
n
a
t
c
u
d
n
IL
8
2H
n
e
c
n
a
t
c
u
d
n
I
s
e
ir
e
S
l
a
t
o
TL
1
L
+
2
e
n
i
L
h
c
a
E6
5H
n
e
c
n
a
ti
c
a
p
a
CC
1
C
,
2
C
,
3
V
R
z
H
M
1
=
f
,
V
5
.
2
=0
12
15
1F
p
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
TC
1
C
+
2 +
C
3
,
d
n
G
o
t
t
u
p
n
I
e
n
i
L
h
c
a
E
V
R
z
H
M
1
=
f
,
V
5
.
2
=
0
36
35
4F
p


Similar Part No. - ECLAMP2454P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455K SEMTECH-ECLAMP2455K Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2455K.TCT SEMTECH-ECLAMP2455K.TCT Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
ECLAMP2455P.TCT SEMTECH-ECLAMP2455P.TCT Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
ECLAMP2456P SEMTECH-ECLAMP2456P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2454P.TCT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com