Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2455P Datasheet(PDF) 1 Page - Semtech Corporation

Part # ECLAMP2455P
Description  ESD/EMI Proection for SIM Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2455P Datasheet(HTML) 1 Page - Semtech Corporation

  ECLAMP2455P Datasheet HTML 1Page - Semtech Corporation ECLAMP2455P Datasheet HTML 2Page - Semtech Corporation ECLAMP2455P Datasheet HTML 3Page - Semtech Corporation ECLAMP2455P Datasheet HTML 4Page - Semtech Corporation ECLAMP2455P Datasheet HTML 5Page - Semtech Corporation ECLAMP2455P Datasheet HTML 6Page - Semtech Corporation ECLAMP2455P Datasheet HTML 7Page - Semtech Corporation ECLAMP2455P Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS - EMIClampTM
EClamp2455P
ESD/EMI Protection
for SIM Card
Description
Features
Package Configuration
8 Pin SLP package (Bottom Side View)
Nominal Dimensions in mm
The EClampTM2455P is combination EMI filter and line
termination device with integrated TVS diodes for use on
SIM Card interfaces on cellular phones and other por-
table electronics. This state-of-the-art device utilizes
solid-state silicon-avalanche technology for superior
clamping performance and DC electrical characteristics.
The device consists of three circuits that include series
impedance matching resistors for proper termination of
the SIM card interface. Termination resistor value of
100 Ohms is included on the RST and Data lines and 47
Ohms on the CLK line. TVS diodes are also included on
each line for ESD protection in excess of ±15kV (air
discharge) and ±8kV (contact discharge) per IEC 61000-
4-2, level 4. An additional TVS diode connection is
included for protection of the voltage (Vcc) bus.
The EClamp2455P is in a 8-pin, RoHS/WEEE compliant,
SLP2116P8 package. It measures 2.1 x 1.6 x
0.58mm. The leads are spaced at a pitch of 0.5mm
and are finished with lead-free NiPdAu. The small
package makes it ideal for use in portable electronics
such as cell phones and digital still cameras.
Mechanical Characteristics
Pin Configuration
Applications
SIM Card
Cell Phone
PDAs and Smartphones
SLP2116P8 8-pin package
RoHS/WEEE Compliant
Nominal Dimensions: 2.1 x 1.6 x 0.58 mm
Lead Pitch: 0.5mm
Lead finish: NiPdAu
Marking: Marking Code
Packaging: Tape and Reel per EIA 481
Bidirectional EMI/RFI filter with integrated TVS
for ESD protection
ESD protection to IEC 61000-4-2 (ESD) Level 4,
±15kV (air), ±8kV (contact)
TVS working voltage: 5V
Termination Resistors: 100 Ohms & 47 Ohms
Capacitance: 20pF (Typical at VR = 0V)
Protection and filtering for four lines
Solid-state technology
Revision 03/27/2007
RST Out
CLK Out
Data Out
RST In
CLK In
Data In
Vcc
1
45
8
Gnd
NC
Pin Identification and Configuration
(Top Side View)
2.10
1.60
1 2
0.50 BSC
0.58


Similar Part No. - ECLAMP2455P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455K SEMTECH-ECLAMP2455K Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2455K.TCT SEMTECH-ECLAMP2455K.TCT Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
More results

Similar Description - ECLAMP2455P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455K SEMTECH-ECLAMP2455K Datasheet
166Kb / 8P
   ESD/EMI Protection for SIM Card
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
ECLAMP2465T SEMTECH-ECLAMP2465T Datasheet
151Kb / 8P
   Low Capacitance ESD/EMI Protection for SIM Card
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6304 ONSEMI-CM6304 Datasheet
193Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 6
CM6300 ONSEMI-CM6300 Datasheet
113Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 7
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com