Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0751.0100 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0751.0100
Description  Clip, 5 x 20 / 6.3 x 32 mm, UR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0751.0100 Datasheet(HTML) 2 Page - Schurter Inc.

  0751.0100 Datasheet HTML 1Page - Schurter Inc. 0751.0100 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholder Blocks & Clips
OG (Clip) 5x20 / 6.3x32
www.schurter.com/pg02b
Fuses
1.1
12
6.6
4.8
4.6
5.8
0.4
Variant 2 0751.0099, 0751.0100, 0751.0141 and 0751.0142
1.3
+0.1
-0
20±0.1
Drilling diagram variant 2 0751.0099, 0751.0100, 0751.0141 and 0751.0142
Derating Curves for Fuseholders
0
20
40
60
80
100
1.5
1.0
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
2.5
2.0
Ambient Air Temperature Ta °C
Variants
Clip
Terminal
Material: Terminals
Order Number
l
Straight
Tin-Plated Bronze
0751.0056
l
Kicked
Tin-Plated Bronze
0751.0099
l
Kicked
Tin-Plated Brass
0751.0100
l
Straight
Tin-Plated Bronze
0751.0141
l
Straight
Tin-Plated Brass
0751.0142
Packaging Unit
Bulk(1000pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0751.0100

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0751.0100 SCHURTER-0751.0100 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0751.0100 SCHURTER-0751.0100 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
More results

Similar Description - 0751.0100

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
07510052 SCHURTER-07510052 Datasheet
290Kb / 2P
   Clip, 5 x 20 mm, UR, Cover
231685 SCHURTER-231685 Datasheet
213Kb / 1P
   Clip, 6.3 x 32 mm
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
231660 SCHURTER-231660 Datasheet
211Kb / 1P
   Clip, 10.3 x 38 mm, UR
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
   Clip, 10.3 x 38 mm, UR
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com