Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFMF.050.2 Datasheet(PDF) 3 Page - Schurter Inc.

Part # PFMF.050.2
Description  Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFMF.050.2 Datasheet(HTML) 3 Page - Schurter Inc.

  PFMF.050.2 Datasheet HTML 1Page - Schurter Inc. PFMF.050.2 Datasheet HTML 2Page - Schurter Inc. PFMF.050.2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Resettable Fuses
PFMF
www.schurter.com/pg0_
Fuses
Time-Current-Curves
1
0.001
0.01
0.1
10
100
1000
0.1
10
1
100
PFMF.075.24.2
PFMF.010.2
PFMF.014.2
PFMF.030.2
PFMF.020.2
PFMF.150.2
PFMF.125.2
PFMF.110.2
PFMF.075.2
PFMF.160.2
PFMF.200.2
PFMF.260.2
PFMF.050.2
Fault Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - PFMF.050.2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMF.050.2 SCHURTER-PFMF.050.2 Datasheet
363Kb / 4P
   Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
More results

Similar Description - PFMF.050.2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMF SCHURTER-PFMF_V01 Datasheet
363Kb / 4P
   Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
PFDF SCHURTER-PFDF_17 Datasheet
243Kb / 3P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFDF SCHURTER-PFDF_V02 Datasheet
254Kb / 3P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
04.01.2022
PFDF SCHURTER-PFDF Datasheet
420Kb / 2P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
PFNF SCHURTER-PFNF_V02 Datasheet
328Kb / 4P
   Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
04.01.2022
PFUF SCHURTER-PFUF_V01 Datasheet
357Kb / 4P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
PFNF SCHURTER-PFNF Datasheet
452Kb / 3P
   Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
PFUF SCHURTER-PFUF_V02 Datasheet
357Kb / 4P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
PFSM SCHURTER-PFSM_V02 Datasheet
342Kb / 4P
   Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com