Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFMF.075.24.2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # PFMF.075.24.2
Description  Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFMF.075.24.2 Datasheet(HTML) 2 Page - Schurter Inc.

  PFMF.075.24.2 Datasheet HTML 1Page - Schurter Inc. PFMF.075.24.2 Datasheet HTML 2Page - Schurter Inc. PFMF.075.24.2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Resettable Fuses
PFMF
www.schurter.com/pg0_
Fuses
Dimensions
A min
[mm]
A max
[mm]
B min
[mm]
B max
[mm]
C min
[mm]
C max
[mm]
D min
[mm]
Order Number
4.37
4.73
3.07
3.41
0.7
1.1
0.3
PFMF.010.2
4.37
4.73
3.07
3.41
0.7
1.1
0.3
PFMF.014.2
4.37
4.73
3.07
3.41
0.7
1.1
0.3
PFMF.020.2
4.37
4.73
3.07
3.41
0.7
1.1
0.3
PFMF.030.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.050.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.075.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.075.24.2
4.37
4.73
3.07
3.41
0.45
0.75
0.3
PFMF.110.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.125.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.150.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.160.2
4.37
4.73
3.07
3.41
0.55
0.85
0.3
PFMF.200.2
4.37
4.73
3.07
3.41
0.48
0.85
0.3
PFMF.260.2
Thermal Derating Chart Ihold [A]
Order Number
-40 °C
-0 °C
0 °C
3 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
PFMF.010.2
0.16
0.14
0.12
0.1
0.08
0.07
0.06
0.05
0.03
PFMF.010.2
PFMF.014.2
0.23
0.19
0.17
0.14
0.12
0.1
0.09
0.08
0.06
PFMF.014.2
PFMF.020.2
0.29
0.26
0.23
0.2
0.17
0.15
0.14
0.12
0.1
PFMF.020.2
PFMF.030.2
0.44
0.39
0.35
0.3
0.26
0.23
0.21
0.18
0.15
PFMF.030.2
PFMF.050.2
0.77
0.68
0.59
0.5
0.44
0.4
0.37
0.33
0.29
PFMF.050.2
PFMF.075.2
1.15
1.01
0.88
0.75
0.65
0.6
0.55
0.49
0.43
PFMF.075.2
PFMF.075.24.2
1.15
1.01
0.88
0.75
0.65
0.6
0.55
0.49
0.43
PFMF.075.24.2
PFMF.110.2
1.59
1.43
1.26
1.1
0.95
0.87
0.8
0.71
0.6
PFMF.110.2
PFMF.125.2
1.8
1.63
1.43
1.25
1.08
0.99
0.91
0.81
0.68
PFMF.125.2
PFMF.150.2
2.17
1.95
1.72
1.5
1.3
1.18
1.09
0.97
0.82
PFMF.150.2
PFMF.160.2
2.3
2.2
1.9
1.6
1.45
1.3
1.15
1.03
0.91
PFMF.160.2
PFMF.200.2
3.08
2.71
2.35
2
1.8
1.6
1.5
1.4
1.25
PFMF.200.2
PFMF.260.2
4
3.52
3.6
2.6
2.34
2.08
1.95
1.39
1.04
PFMF.260.2
Electrical Characteristics at 3 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
60.0
40
0.1
0.3
0.7
15
0.5
1.5
0.80
PFMF.010.2
60.0
40
0.14
0.34
0.4
6.5
1.5
0.15
0.80
PFMF.014.2
30.0
80
0.2
0.4
0.4
6
6
0.06
0.80
PFMF.020.2
30.0
10
0.3
0.6
0.3
3
8
0.1
0.80
PFMF.030.2
15.0
100
0.5
1
0.15
1
8
0.15
0.80
PFMF.050.2
13.2
100
0.75
1.5
0.11
0.45
8
0.2
0.80
PFMF.075.2
24.0
40
0.75
1.5
0.11
0.45
8
0.2
0.80
PFMF.075.24.2
6.0
100
1.1
2.2
0.04
0.21
8
0.3
0.80
PFMF.110.2
6.0
100
1.25
2.5
0.035
0.14
8
0.4
0.80
PFMF.125.2
6.0
100
1.5
3
0.03
0.12
8
0.5
0.80
PFMF.150.2
8.0
100
1.6
2.8
0.035
0.099
8
2
0.80
PFMF.160.2
8.0
40
2
4
0.2
0.08
8
3
0.80
PFMF.200.2
6.0
100
2.6
5.2
0.015
0.08
8
5
0.80
PFMF.260.2
Packaging Unit
PFMF.010.2-PFMF.030.2
BlisterTape18cmReel(1500pcs.)
PFMF.050.2+PFMF.260.2
BlisterTape18cmReel(2000pcs.)


Similar Part No. - PFMF.075.24.2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMF.075.2 SCHURTER-PFMF.075.2 Datasheet
363Kb / 4P
   Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
More results

Similar Description - PFMF.075.24.2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFMF SCHURTER-PFMF_V01 Datasheet
363Kb / 4P
   Surface Mount Fuse, PTC, 1812 footprint, 4.6 x 3.2 mm, 60 VDC
04.01.2022
PFDF SCHURTER-PFDF_17 Datasheet
243Kb / 3P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFDF SCHURTER-PFDF_V02 Datasheet
254Kb / 3P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
04.01.2022
PFDF SCHURTER-PFDF Datasheet
420Kb / 2P
   Surface Mount Fuse, PTC, 2018 footprint, 5.1 x 4.6 mm, 60 VDC
PFUF SCHURTER-PFUF Datasheet
459Kb / 3P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
PFNF SCHURTER-PFNF_V02 Datasheet
328Kb / 4P
   Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
04.01.2022
PFUF SCHURTER-PFUF_V01 Datasheet
357Kb / 4P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
PFNF SCHURTER-PFNF Datasheet
452Kb / 3P
   Surface Mount Fuse, PTC, 1206 footprint, 3.2 x 1.6 mm, 30 VDC
PFUF SCHURTER-PFUF_V02 Datasheet
357Kb / 4P
   Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
PFSM SCHURTER-PFSM_V02 Datasheet
342Kb / 4P
   Surface Mount Fuse, PTC, 2920 or 3425 footprint, 60 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com