Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12095D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC12095D
Description  2.5 GHz Low Power Prescaler With Stand-By Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12095D Datasheet(HTML) 1 Page - Motorola, Inc

  MC12095D Datasheet HTML 1Page - Motorola, Inc MC12095D Datasheet HTML 2Page - Motorola, Inc MC12095D Datasheet HTML 3Page - Motorola, Inc MC12095D Datasheet HTML 4Page - Motorola, Inc MC12095D Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MC12095
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷2, ÷4 LOW POWER
PRESCALER
WITH STAND–BY MODE
Order this document by MC12095/D
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
IN
(Top View)
8
IN
VCC
NC
OUT
SB
SW
Gnd
7
6
5
1
2
3
4
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12095D
TA = –40 to 85°C
SO–8
1
MOTOROLA RF/IF DEVICE DATA
2.5 GHz Low Power Prescaler
With Stand-By Mode
The MC12095 is a single modulus prescaler for low power frequency
division of a 2.5 GHz high frequency input signal. Motorola’s advanced
MOSAIC
™ V technology is utilized to acheive low power dissipation of
24 mW at a minimum supply voltage of 2.7 V.
On–chip output termination provides output current to drive a 2.0 pF
(typical) high impedance load. If additional drive is required for the prescaler
output, an external resistor can be added in parallel from the OUT pin to
GND to increase the output power. Care must be taken not to exceed the
maximum allowable current through the output.
Divide ratio control input (SW) selects the required divide ratio of
÷2 or ÷4.
Stand–By mode is available to reduce current drain to 100
µA typical when
the standby pin SB is switched LOW disabling the prescaler.
2.5 GHz Toggle Frequency
Supply Voltage 2.7 V to 5.5 Vdc
Low Power 8.7 mA Typical
Operating Temperature –40 to 85°C
Divide by 2 or 4 Selected by the SW Pin
NOTE: For applications up to 1.1 GHz, please consult the MC12093
datasheet.
MOSAIC V is a trademark of Motorola
FUNCTIONAL TABLE
SW
Divide Ratio
H
2
L
4
NOTES: 1. SW: H = (VCC – 0.4 V) to VCC; L = OPEN
2. SB: H = 2.0 V to VCC; L = GND to 0.8 V
© Motorola, Inc. 1998
Rev 4
AC Test Circuit
SB
SW
OUT
GND
C4
IN
IN
50
C2
C1
VCC
C3
EXTERNAL
COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
C4 = 2.0 pF
VCC = 2.7 to 5.5 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC12095D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12095D ONSEMI-MC12095D Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095D ONSEMI-MC12095D Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12095DG ONSEMI-MC12095DG Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12095DR2 ONSEMI-MC12095DR2 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095DR2 ONSEMI-MC12095DR2 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
More results

Similar Description - MC12095D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com