Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12147 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC12147
Description  Low Power Voltage Controlled Oscillator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12147 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC12147 Datasheet HTML 4Page - Motorola, Inc MC12147 Datasheet HTML 5Page - Motorola, Inc MC12147 Datasheet HTML 6Page - Motorola, Inc MC12147 Datasheet HTML 7Page - Motorola, Inc MC12147 Datasheet HTML 8Page - Motorola, Inc MC12147 Datasheet HTML 9Page - Motorola, Inc MC12147 Datasheet HTML 10Page - Motorola, Inc MC12147 Datasheet HTML 11Page - Motorola, Inc MC12147 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC12147
10
MOTOROLA RF/IF DEVICE DATA
–4
–3
–2
–1
0
1
2
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
Figure 10. Q/QB Output Power versus Supply, 1200 MHz Tank
VCC Supply Voltage (V)
–40
°C
+25
°C
+85
°C
Figure 11. Typical VCO Output Spectrum
5.0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
START 1.0MHz
RBW 1.0MHz
VBW 1.0MHz
STOP 10.0GHz
SWP 200ms
ATTEN 10
RL 0dBm
10dB/
MARKER
909MHz –7.1dBm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC12147

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12149D MOTOROLA-MC12149D Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Freescale Semiconductor...
MC12149D FREESCALE-MC12149D Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
More results

Similar Description - MC12147

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149_08 Datasheet
344Kb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Motorola, Inc
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
   Low Power Voltage Controlled Oscillator Buffer
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
   LOW POWER VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com