Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13155D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13155D
Description  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13155D Datasheet(HTML) 5 Page - Motorola, Inc

  MC13155D Datasheet HTML 1Page - Motorola, Inc MC13155D Datasheet HTML 2Page - Motorola, Inc MC13155D Datasheet HTML 3Page - Motorola, Inc MC13155D Datasheet HTML 4Page - Motorola, Inc MC13155D Datasheet HTML 5Page - Motorola, Inc MC13155D Datasheet HTML 6Page - Motorola, Inc MC13155D Datasheet HTML 7Page - Motorola, Inc MC13155D Datasheet HTML 8Page - Motorola, Inc MC13155D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC13155
5
MOTOROLA ANALOG IC DEVICE DATA
± 1.0 MHz
VEE = – 6.0 Vdc
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
Figure 9. Differential Detector Output
Voltage versus Ambient Temperature
and Supply Voltage
Figure 10. Differential Limiter Output Voltage
versus Ambient Temperature
(Vin = 1 and 10 mVrms)
–50
– 30
–10
10
30
50
70
90
110
–50
– 30
–10
10
30
50
70
90
Vin = 10 mVrms
IF INPUT (dBm)
Q OF QUADRATURE LC TANK
IF INPUT, (dBm)
Figure 11.
Figure 12. RSSI Output Voltage versus IF Input
Figure 11A. Differential Detector Output Voltage
versus Q of Quadrature LC Tank
1.5
Q OF QUADRATURE LC TANK
Figure 11B. Differential Detector Output Voltage
versus Q of Quadrature LC Tank
2.5
3.5
4.5
5.5
–80
–60
–40
–20
0
20
2.0
3.0
4.0
5.0
6.0
1.5
2.5
3.5
4.5
5.5
2.0
3.0
4.0
5.0
6.0
Vin = – 30 dBm
VEE = – 5.0 Vdc
fc = 70 MHz
fmod = 1.0 MHz
(Figure 16 no external capacitors
between Pins 7, 8 and 9, 10)
–90
– 70
– 50
– 30
–10
10
S+N
Vin = 1.0 mVrms
– 5.0 Vdc
– 3.0 Vdc
f = 70 MHz
VEE = – 5.0 Vdc
f dev = ± 6.0 MHz
± 5.0 MHz
± 4.0 MHz
± 3.0 MHz
± 2.0 MHz
± 1.0 MHz
± 2.0 MHz
± 3.0 MHz
± 4.0 MHz
± 5.0 MHz
f dev = ± 6.0 MHz
15 dB Interstage
Attenuator
N
Vin = – 30 dBm
VEE = – 5.0 Vdc
fc = 70 MHz
fmod = 1.0 MHz
(Figure 16 no external capacitors
between Pins 7, 8 and 9, 10)
fc = 70 MHz
fmod = 1.0 MHz
fdev = ± 5.0 MHz
VEE = – 5.0 Vdc
Figure 13. – S+N, N versus IF Input
750
220
200
180
160
140
120
700
650
600
550
500
450
400
350
0
1600
1200
800
400
200
0
2400
1600
1200
800
400
0
– 1.0
– 2.0
– 3.0
– 4.0
– 5.0
1400
1000
600
2000
10
–10
–30
–50
–60
–70
0
–20
–40
VEE = – 5.0 Vdc
fc = 70 MHz
(See Figure 16)
Capacitively coupled
interstage: no attenuation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
MC13155D LANSDALE-MC13155D Datasheet
355Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

Similar Description - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com