Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRA.700 Datasheet(PDF) 4 Page - Schurter Inc.

Part # PFRA.700
Description  Radial Leaded Fuse, PTC, 60 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFRA.700 Datasheet(HTML) 4 Page - Schurter Inc.

  PFRA.700 Datasheet HTML 1Page - Schurter Inc. PFRA.700 Datasheet HTML 2Page - Schurter Inc. PFRA.700 Datasheet HTML 3Page - Schurter Inc. PFRA.700 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Resettable Fuses
PFRA
www.schurter.com/pg0_
Fuses
Time-Current-Curves
1
0.001
0.01
0.1
10
100
1000
0.1
10
1
100
PFRA.075
PFRA.065
PFRA.090
PFRA.110
PFRA.160
PFRA.135
PFRA.185
PFRA.250
PFRA.010
PFRA.017
PFRA.020
PFRA.030
PFRA.025
PFRA.040
PFRA.050
PFRA.400
PFRA.300
PFRA.500
PFRA.600
PFRA.800
PFRA.700
PFRA.900
PFRA.1100
Fault Current in Amperes
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - PFRA.700

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.017 SCHURTER-PFRA.017 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.020 SCHURTER-PFRA.020 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.025 SCHURTER-PFRA.025 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.030 SCHURTER-PFRA.030 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA.700

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA_17 Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA_V02 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRY SCHURTER-PFRY_V02 Datasheet
316Kb / 4P
   Radial Leaded Fuse, PTC, 72 VDC
04.01.2022
PFRY SCHURTER-PFRY Datasheet
447Kb / 3P
   Radial Leaded Fuse, PTC, 72 VDC
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com